Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ5M31K Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TQ5M31K
Description  BLOCK DIAGRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQ5M31K Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TQ5M31K Datasheet HTML 1Page - TriQuint Semiconductor TQ5M31K Datasheet HTML 2Page - TriQuint Semiconductor TQ5M31K Datasheet HTML 3Page - TriQuint Semiconductor TQ5M31K Datasheet HTML 4Page - TriQuint Semiconductor TQ5M31K Datasheet HTML 5Page - TriQuint Semiconductor TQ5M31K Datasheet HTML 6Page - TriQuint Semiconductor TQ5M31K Datasheet HTML 7Page - TriQuint Semiconductor TQ5M31K Datasheet HTML 8Page - TriQuint Semiconductor TQ5M31K Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
WIRELESS COMMUNICATIONS DIVISION
TQS Wireless Communications
(503) 615-9000
2300 NE Brookwood Parkway
1
FAX:(503) 615-8900
Hillsboro, OR 97124
Rev. C 99-05-12
o#Üû„T6
Vdd
GIC
LO
IF
GND
RF
50 ohm
LO INPUT
50 ohm
RF INPUT
IF
OUT
Vdd
GND
Gain/IP3/current
adjustment
¶¬ ân
TQ5M31
 Q… M= \ PCS Á& Q¡, ISM IYe M:, GPS e-}, L
IYe M: Q~ 5}, WLAN \ m…é e-}É 9µ© 1Þ© žö‘
öN‰© qi RFIC Fi 15Ñ}Á1. TQ5M31 RF IYe áQ 500-
2500 Mhz
 IF ér áQ 45-500Mhzi ùö­ e Õ1. N Ù©á žö
áQM `‰Ái qQ-¶(off-chip) 1º(matching)Á ©Ù¡eÉ ©1. Á
ÍՍ Q¥ Ý1(current drain)Á û} ™… Mb }}ù* žö
N¶¥1. ér 3u Å}–(3rd order intercept) õuÁ 1ý ß1. .
”š#ZÚ
VDD = 2.8 V, T
A=25° C, RF=1960 Mhz, LO=1750 Mhz, IF=210 Mhz, LO Input= -4 dBm.
xð,h
K
¿
¿
§Ã
IYe áQ
¥ Á*
4.0
DB
î™ _
8.5
DB
Òr 3u Å}–
9.0
DBm
RF
Fi ù Ý1
10
dB
LO
Fi ù Ý1
10
dB
BV Q¥
6.2
mA
WT8P64
Ü"\°í
Ú#LF
„zst
°¿K^K˜P
3œK/ԜZt{^ZÃ
¿ÃK˜P
KK7?K?G
QÿKt{^
שּׁKðd
KÔK~z]^XaË;c°
çc
â§
ó¿¯KÎKÃ÷ƒK{n~
3˜Ãh
óßK/3ï
r{~Zt~xZSh
û2LS62
¯
Ä
„2


Similar Part No. - TQ5M31K

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQ5M31 TRIQUINT-TQ5M31 Datasheet
229Kb / 16P
   3V Downconverter Mixer IC
TQ5M31J TRIQUINT-TQ5M31J Datasheet
1Mb / 16P
   TQ5M31J
More results

Similar Description - TQ5M31K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA4918 ETC1-BA4918 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
logo
Freescale Semiconductor...
MC9RS08LE4 FREESCALE-MC9RS08LE4_09 Datasheet
528Kb / 28P
   MCU Block Diagram
logo
List of Unclassifed Man...
AM186EM ETC-AM186EM Datasheet
15Kb / 1P
   MICROCONTROLLER BLOCK DIAGRAM
logo
Freescale Semiconductor...
MC9RS08KA8 FREESCALE-MC9RS08KA8_08 Datasheet
952Kb / 42P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8 Datasheet
896Kb / 40P
   MCU Block Diagram
MC9RS08KA8 FREESCALE-MC9RS08KA8_09 Datasheet
955Kb / 42P
   MCU Block Diagram
MC9RS08LE4 FREESCALE-MC9RS08LE4 Datasheet
536Kb / 30P
   MCU Block Diagram
MC9RS08KB12 FREESCALE-MC9RS08KB12 Datasheet
853Kb / 48P
   MCU Block Diagram
logo
List of Unclassifed Man...
A10 ETC2-A10 Datasheet
2Mb / 81P
   Functional Block Diagram
logo
Freescale Semiconductor...
MC9RS08LA8 FREESCALE-MC9RS08LA8 Datasheet
1,002Kb / 34P
   MCU Block Diagram
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com