Part Name
         Description
BTB1236AL3

 Silicon PNP Epitaxial Planar Transistor ( 4 Page)


CYSTEKEC
100% 
Zoom Out Zoom In
   
 4 page
background image
CYStech Electronics Corp.
Spec. No. : C854L3
Issued Date : 2004.07.28
Revised Date :
Page No. : 4/4
BTB1236AL3
CYStek Product Specification
SOT-223 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1142
0.1220
2.90
3.10
G
0.0551
0.0709
1.40
1.80
B
0.2638
0.2874
6.70
7.30
H
0.0098
0.0138
0.25
0.35
C
0.1299
0.1457
3.30
3.70
I
0.0008
0.0039
0.02
0.10
D
0.0236
0.0315
0.60
0.80
a1
*13o
-
*13o
-
E
*0.0906
-
*2.30
-
a2
0 o
10 o
0 o
10 o
F
0.2480
0.2638
6.30
6.70
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
3
2
1
F
B
A
C
D
E
G
H
a1
a2
I
Style: Pin 1.Base 2.Collector 3.Emitter
Marking:
3-Lead SOT-223 Plastic
Surface Mounted Package
CYStek Package Code: L3
AV2
1  2  3  4 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTB1236AE3Silicon PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
SUR530HEpitaxial planar PNP silicon transistor 1 2 3 AUK corp
SUR547JEpitaxial planar PNP silicon transistor 1 2 3 AUK corp
CSA733PNP SILICON PLANAR EPITAXIAL TRANSISTOR 1 2 3 4 Continental Device India Limited
FC137PNP Epitaxial Planar Silicon Composite Transistor Switching Applications with Bias Resistance 1 2 Sanyo Semicon Device
SUR502EFEpitaxial Planar Type PNP Silicon Transistor 1 2 3 AUK corp
SUT483JNPN/PNP Epitaxial Planar Silicon Transistor 1 2 3 4 5 AUK corp
UNR31A1Silicon PNP epitaxial planar transistor 1 2 3 Panasonic Semiconductor
BTB1236AM3Silicon PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
SUR531HEpitaxial planar PNP silicon transistor 1 2 3 AUK corp

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl