Part Name
         Description
BTB1236AL3

 Silicon PNP Epitaxial Planar Transistor ( 4 Page)


CYSTEKEC
100% 
Zoom Out Zoom In
   
 2 page
background image
CYStech Electronics Corp.
Spec. No. : C854L3
Issued Date : 2004.07.28
Revised Date :
Page No. : 2/4
BTB1236AL3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-180
-
-
V
IC=-50µA, IE=0
BVCEO
-160
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-50µA, IC=0
ICBO
-
-
-1
µA
VCB=-160V, IE=0
IEBO
-
-
-1
µA
VEB=-4V, IC=0
*VCE(sat)
-
-
-0.6
V
IC=-1A, IB=-100mA
*VBE(on)
-
-
-1.5
V
VCE=-5V, IC=-150mA
hFE1
60
-
200
-
VCE=-5V, IC=-100mA
hFE2
30
-
-
-
VCE=-5V, IC=-500mA
fT
-
140
-
MHz
VCE=-5V, IC=-150mA
Cob
-
27
-
pF
VCB=-10V, IE=0, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Classification of hFE 1
Rank
K
P
Q
Range
60~120
82~190
120~200
1  2  3  4 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTB1236AE3Silicon PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
SUR530HEpitaxial planar PNP silicon transistor 1 2 3 AUK corp
SUR547JEpitaxial planar PNP silicon transistor 1 2 3 AUK corp
CSA733PNP SILICON PLANAR EPITAXIAL TRANSISTOR 1 2 3 4 Continental Device India Limited
FC137PNP Epitaxial Planar Silicon Composite Transistor Switching Applications with Bias Resistance 1 2 Sanyo Semicon Device
SUR502EFEpitaxial Planar Type PNP Silicon Transistor 1 2 3 AUK corp
SUT483JNPN/PNP Epitaxial Planar Silicon Transistor 1 2 3 4 5 AUK corp
UNR31A1Silicon PNP epitaxial planar transistor 1 2 3 Panasonic Semiconductor
BTB1236AM3Silicon PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
SUR531HEpitaxial planar PNP silicon transistor 1 2 3 AUK corp

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl