Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQP777002 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQP777002
Description  2.4GHz ISM Band InGaP HBT Matched Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP777002 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQP777002 Datasheet HTML 2Page - TriQuint Semiconductor TQP777002 Datasheet HTML 3Page - TriQuint Semiconductor TQP777002 Datasheet HTML 4Page - TriQuint Semiconductor TQP777002 Datasheet HTML 5Page - TriQuint Semiconductor TQP777002 Datasheet HTML 6Page - TriQuint Semiconductor TQP777002 Datasheet HTML 7Page - TriQuint Semiconductor TQP777002 Datasheet HTML 8Page - TriQuint Semiconductor TQP777002 Datasheet HTML 9Page - TriQuint Semiconductor TQP777002 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TQP777002
Data Sheet
2.4GHz ISM Band InGaP HBT Matched Power Amplifier
Data Sheet: Subject to change without notice
For additional information and latest specifications, see our website:
Revision A, July 22, 2004
TQP777002 Measured Temperature Performance in TriQuint WLAN777002 Evaluation Board
Measurement conditions: Ta = 25°C, Vref=2.90V, Vc1=Vc2=Vc3= 3.3V, f=2450Mhz, 802.11b CCK modulation
TQP777002 Measured Temperature Performance in TriQuint WLAN777002 Evaluation Board
Measurement conditions: Ta = 25°C, Vref=2.90V, Vc1=Vc2=Vc3= 3.3V, f=2450Mhz, 802.11g OFDM modulation-54Mbps
Package Outline
www.triquint.com
9
EVM vs Output power
777002
Freq=2.45GHz
-40 to +85 deg-C
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.00
456789 10 11 12 13 14 15 16 17 18 19 20 21 22
Output power (dBm)
-40C
-20 C
+25 C
+45 C
+85C
Detector Voltage vs Output power
777002
-40 to +85 deg-C
f=2.45 GHz
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-5
0
5
10
15
20
25
30
Output power (dBm)
ACP vs Output Pow er
777002
-40 to +85 deg-C
f=2450 MHz
-70
-60
-50
-40
-30
-20
-10
- 6
-1
4
9
14
19
24
Output pow er (dBm )
-40 deg-C
+25 deg- C
+85 deg- C
ACP vs Output Power
777002
-40 to +85 deg-C
f=2450 MHz
-45
-40
-35
-30
-25
-20
-15
-10
-6
-1
4
9
14
19
24
Output power (dBm)
-40 deg-C
+25 deg-C
+85 deg-C


Similar Part No. - TQP777002

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP770001 TRIQUINT-TQP770001 Datasheet
334Kb / 10P
   Bluetooth Two Stage (HBT) Power Amplifier (EDR Compliant)
More results

Similar Description - TQP777002

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP2420G TRIQUINT-TQP2420G Datasheet
524Kb / 13P
   2.4GHz ISM Band InGaP HBT Power Amplifier
TQP2420B TRIQUINT-TQP2420B Datasheet
479Kb / 10P
   2.4GHz ISM Band InGaP HBT Power Amplifier
logo
Skyworks Solutions Inc.
AP147-320 SKYWORKS-AP147-320 Datasheet
1Mb / 11P
   ISM 900 MHz Band 2-Watt InGaP HBT Power Amplifier
SKY65111-348LF SKYWORKS-SKY65111-348LF Datasheet
2Mb / 16P
   ISM 600-1100 MHz Band 2 Watt InGaP HBT Power Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFBPF2012090ALT WALSIN-RFBPF2012090ALT Datasheet
617Kb / 7P
   ISM 2.4GHz Band Application
logo
RF Micro Devices
SBB-2082S RFMD-SBB-2082S Datasheet
689Kb / 5P
   InGaP HBT Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060A97B1U WALSIN-RFLPF1608060A97B1U Datasheet
501Kb / 8P
   2.4GHz ISM Band Working Frequency
logo
Mimix Broadband
CGB7289-BD MIMIX-CGB7289-BD Datasheet
301Kb / 18P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060AFT WALSIN-RFLPF1608060AFT Datasheet
513Kb / 7P
   2.4GHz ISM Band RF Application
logo
Mimix Broadband
CGB7389-SC MIMIX-CGB7389-SC Datasheet
263Kb / 15P
   2.1-2.5 GHz InGaP HBT Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com