Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB1424N3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTB1424N3
Description  Low VCE(sat) PNP Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1424N3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTB1424N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1424N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1424N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1424N3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1424N3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C817N3-R
Issued Date : 2003.04.03
Revised Date :2004.09.30
Page No. : 2/5
BTB1424N3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-50
-
-
V
IC=-50µA
BVCEO
-50
-
-
V
IC=-1mA
BVEBO
-5
-
-
V
IE=-50µA
ICBO
-
-
-1
µA
VCB=-30V
IEBO
-
-
-1
µA
VEB=-3V
*VCE(sat)
-
-
-0.5
V
IC=-2A, IB=-100mA
*hFE
82
-
560
-
VCE=-2V, IC=-100mA
fT
-
240
-
MHz
VCE=-2V, IC=-500mA, f=100MHz
Cob
-
35
-
pF
VCB=-10V, IE=0A, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Classification Of hFE
Rank
P
Q
R
S
Range
82~180
120~270
180~390
270~560
Ordering Information
Device
Package
Shipping
Marking
BTB1424N3
SOT-23
(Pb-free)
3000 pcs / Tape & Reel
AE


Similar Part No. - BTB1424N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1424N3 CYSTEKEC-BTB1424N3 Datasheet
231Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424N3 CYSTEKEC-BTB1424N3_06 Datasheet
231Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
More results

Similar Description - BTB1424N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1424AM3 CYSTEKEC-BTB1424AM3 Datasheet
175Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB5240N3 CYSTEKEC-BTB5240N3 Datasheet
290Kb / 8P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424AD3 CYSTEKEC-BTB1424AD3_06 Datasheet
177Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424N3 CYSTEKEC-BTB1424N3_06 Datasheet
231Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTA1300A3 CYSTEKEC-BTA1300A3 Datasheet
156Kb / 4P
   Low VCE(SAT) PNP Epitaxial Planar Transistor
BTB772AM3 CYSTEKEC-BTB772AM3 Datasheet
188Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424LN3 CYSTEKEC-BTB1424LN3 Datasheet
162Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1386N3 CYSTEKEC-BTB1386N3 Datasheet
165Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1426A3 CYSTEKEC-BTB1426A3 Datasheet
154Kb / 4P
   Low VCE(SAT) PNP Epitaxial Planar Transistor
BTP2907SL3 CYSTEKEC-BTP2907SL3 Datasheet
264Kb / 7P
   Low VCE(sat) PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com