Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTC5103J3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTC5103J3
Description  High Speed Switching Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTC5103J3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTC5103J3 Datasheet HTML 1Page - Cystech Electonics Corp. BTC5103J3 Datasheet HTML 2Page - Cystech Electonics Corp. BTC5103J3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C651J3
Issued Date : 2003.04.24
Revised Date :
Page No. : 2/3
BTC5103J3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=50µA, IE=0
BVCEO
60
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=50µA, IC=0
ICBO
-
-
10
µA
VCB=100V. IE=0
IEBO
-
-
10
µA
VEB=5V,IC=0
*VCE(sat) 1
-
0.15
0.3
V
IC=3A, IB=0.15A
*VCE(sat) 2
-
-
0.5
V
IC=4A, IB=0.2A
*VBE(sat) 1
-
-
1.2
V
IC=3A, IB=0.15A
*VBE(sat) 1
-
-
1.5
V
IC=4A, IB=0.2A
*hFE1
52
-
-
-
VCE=2V, IC=20mA
*hFE2
82
-
270
-
VCE=2V, IC=1A
fT
-
120
-
MHz
VCE=10V, IC=0.5A, f=30MHz
Cob
-
80
-
pF
VCB=10V, f=1MHz
*Pulse Test : Pulse Width
≤380us, Duty Cycle≤2%
Classification Of hFE2
Rank
P
Q
Range
82~180
120~270


Similar Part No. - BTC5103J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTC5103I3 CYSTEKEC-BTC5103I3 Datasheet
219Kb / 5P
   High Speed Switching Transistor
BTC5103M3 CYSTEKEC-BTC5103M3 Datasheet
160Kb / 4P
   NPN Epitaxial Planar Transistor
More results

Similar Description - BTC5103J3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N222A-V01 ETC-2N222A-V01 Datasheet
318Kb / 3P
   High Speed Switching Transistor
logo
Unisonic Technologies
UN1066 UTC-UN1066_08 Datasheet
172Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
UN1066 UTC-UN1066_15 Datasheet
172Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
logo
List of Unclassifed Man...
2N2222A ETC2-2N2222A Datasheet
278Kb / 5P
   High Speed Switching Transistor
2SD796 ETC1-2SD796 Datasheet
81Kb / 2P
   High speed switching transistor
logo
Cystech Electonics Corp...
BTC5103I3 CYSTEKEC-BTC5103I3 Datasheet
219Kb / 5P
   High Speed Switching Transistor
logo
Unisonic Technologies
UN1066 UTC-UN1066 Datasheet
181Kb / 5P
   HIGH SPEED SWITCHING TRANSISTOR
logo
GTM CORPORATION
GJ1952 GTM-GJ1952 Datasheet
382Kb / 3P
   PNP HIGH SPEED SWITCHING TRANSISTOR
GI1952 GTM-GI1952 Datasheet
383Kb / 3P
   PNP HIGH SPEED SWITCHING TRANSISTOR
GI5103 GTM-GI5103 Datasheet
414Kb / 3P
   NPN HIGH SPEED SWITCHING TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com