Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTD1768A3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTD1768A3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD1768A3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTD1768A3 Datasheet HTML 1Page - Cystech Electonics Corp. BTD1768A3 Datasheet HTML 2Page - Cystech Electonics Corp. BTD1768A3 Datasheet HTML 3Page - Cystech Electonics Corp. BTD1768A3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C304A3
Issued Date : 2003.07.28
Revised Date :2004.12.23
Page No. : 2/4
BTD1768A3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=50µA
BVCEO
80
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=50µA
ICBO
-
-
1
µA
VCB=80V, IE=0
IEBO
-
-
1
µA
VEB=4V, IC=0
*VCE(SAT)
-
0.15
0.4
V
IC=500mA, IB=20mA
*hFE
120
-
560
-
VCE=3V, IC=100mA
fT
-
100
-
MHz
VCE=10V, IC=50mA, f=100MHz
Cob
-
20
-
pF
VCB=10V, IE=0A, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Classification Of hFE
Rank
Q
R
S
Range
120~270
180~390
270~560


Similar Part No. - BTD1768A3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD1768BA3 CYSTEKEC-BTD1768BA3 Datasheet
148Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTD1768M3 CYSTEKEC-BTD1768M3 Datasheet
239Kb / 6P
   NPN Epitaxial Planar Transistor
BTD1768N3 CYSTEKEC-BTD1768N3 Datasheet
179Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTD1768S3 CYSTEKEC-BTD1768S3 Datasheet
264Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
More results

Similar Description - BTD1768A3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com