Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1085LZ-5 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1085LZ-5
Description  3.3V EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1085LZ-5 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1085LZ-5 Datasheet HTML 1Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 2Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 3Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 4Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 5Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 6Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 7Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 8Page - Maxim Integrated Products DS1085LZ-5 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1 of 21
021403
FEATURES
§ User-Programmable Frequency Synthesizer
§ Programmable From 4.1kHz to 66MHz
§ Dual Synchronous Outputs
§ 4.13MHz to 66MHz Reference Oscillator
Output
§ 4.1kHz to 66MHz Main Oscillator Output
§ Single 3.0 to 3.6V Supply
§ Three Resolution Options
§ 2-Wire Serial Interface
§ 0.75% Absolute Accuracy
§ Nonvolatile (NV) Frequency Settings
§ No External Timing Components
§ Power-Down Mode
ORDERING INFORMATION
PIN ASSIGNMENT
SO (150mil)
PIN DESCRIPTION
OUT1
- Main Oscillator Output
OUT0
- Reference Oscillator Output
VCC
- Power-Supply Voltage
GND
- Ground
CTRL1
- Control Pin for OUT1
CTRL0
- Control Pin for OUT0
SDA
- 2-Wire Serial Data Input/Output
SCL
- 2-Wire Serial Clock
DEVICE
PACKAGE
STEP
SIZE
OSCILLATOR
OUTPUT RANGE
DS1085LZ-5
150mil SO
5kHz
4.1kHz to 66MHz
DS1085LZ-12
150mil SO
12.5kHz
4.1kHz to 66MHz
DS1085LZ-25
150mil SO
25kHz
4.1kHz to 66MHz
DESCRIPTION
The DS1085L is a dual-output frequency synthesizer requiring no external timing components for
operation. It can be used as a standalone oscillator or as a dynamically programmed, processor-controlled
peripheral device. An internal master oscillator can be programmed from 33MHz to 66MHz with three
resolution options of 5kHz, 12.5kHz, and 25kHz. A programmable 3-bit prescaler (divide-by-1, 2, 4, or 8)
permits the generation of a reference oscillator output (OUT0) from the master, ranging from 4.13MHz to
66MHz. A second independent prescaler and a 1-to-1025 divider allow the generation of a main oscillator
output (OUT1) from 4.1kHz to 66MHz. The two outputs, although synchronous with the master, can be
independently programmed. The combination of programmable master oscillator, prescalers, and dividers
allows the generation of thousands of user-specified frequencies. All master oscillator, prescaler, and
divider settings are stored in NV (EEPROM) memory, providing a default value on power-up that allows
it to be used as a standalone oscillator. A 2-wire serial interface allows in-circuit, on-the-fly programming
of the master oscillator, prescalers (P0 and P1), and divider (N). This allows dynamic frequency
modification, if required, or, for fixed-frequency applications, the DS1085L can be used with factory- or
user-programmed values.
DS1085L
3.3V EconOscillator Frequency
Synthesizer
www.maxim-ic.com
SCL
CTRL0
SDA
CTRL1
OUT1
OUT0
VCC
GND
8
7
6
5
1
2
3
4
EconOscillator is a trademark of Dallas Semiconductor.


Similar Part No. - DS1085LZ-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085LZ-5 MAXIM-DS1085LZ-5 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085LZ-5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
logo
Dallas Semiconductor
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
logo
Integrated Device Techn...
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
   3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1089L MAXIM-DS1089L Datasheet
490Kb / 12P
   3.3V Center SpreadSpectrum EconOscillator
Rev 1; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com