Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1085LZ-25 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1085LZ-25
Description  3.3V EconOscillator Frequency Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1085LZ-25 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1085LZ-25 Datasheet HTML 1Page - Maxim Integrated Products DS1085LZ-25 Datasheet HTML 2Page - Maxim Integrated Products DS1085LZ-25 Datasheet HTML 3Page - Maxim Integrated Products DS1085LZ-25 Datasheet HTML 4Page - Maxim Integrated Products DS1085LZ-25 Datasheet HTML 5Page - Maxim Integrated Products DS1085LZ-25 Datasheet HTML 6Page - Maxim Integrated Products DS1085LZ-25 Datasheet HTML 7Page - Maxim Integrated Products DS1085LZ-25 Datasheet HTML 8Page - Maxim Integrated Products DS1085LZ-25 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DS1085L
5 of 21
REGISTER FUNCTIONS
The user-programmable registers can be used to determine the mode of operation (MUX), operating
frequency (DAC, OFFSET, DIV), and bus settings (ADDR). The functions of the registers are described
in this section, but the details of how these registers are programmed can be found in a later section. The
register settings are nonvolatile, with the values being stored automatically or as required in EEPROM
when the registers are programmed through the SDA and SCL pins.
DAC WORD (Address 08h)
MSB
LSB
MSB
LSB
d9
d8
d7
d6
d5
d4
d3
d2
d1
d0
XXXXXX
First Data Byte
Second Data Byte
X = Don’t care.
The DAC word (d0–d9) controls the frequency of the master oscillator. The resolution of this register
depends on the step size of the device. The absolute frequency of the device also depends on the value of
the OFFSET register (see Tables 5 and 6).
Table 5. DEVICE DEFAULT SETTINGS
DS1085LZ-5
DS1085LZ-12
DS1085LZ-25
Frequency
DAC
Offset
Frequency
DAC
Offset
Frequency
DAC
Offset
48.58MHz
500
OS
52.3MHz
600
OS
50.9MHz
500
OS
For any given value of OFFSET the master oscillator frequency can be derived as follows:
Frequency = Min Frequency + DAC x Step Size
where: Min frequency is the lowest frequency shown in Table 6 for the corresponding offset.
DAC is the value of the DAC register (0–1023).
Step size is the step size of the device (5kHz, 12.5kHz, or 25kHz).
OS is the decimal, integer value of the 5 MSBs of the RANGE register.
OFFSET BYTE (Address 0Eh)
MSB
LSB
XXXO4
O3
O2
O1
O0
X = Don’t care.
The OFFSET byte (O0–O4) determines the range of frequencies that can be obtained within the absolute
minimum and maximum range of the oscillator. Correct operation of the device is not guaranteed for
values of OFFSET not shown in Table 6.


Similar Part No. - DS1085LZ-25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085LZ-25 MAXIM-DS1085LZ-25 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
More results

Similar Description - DS1085LZ-25

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1085L MAXIM-DS1085L_V01 Datasheet
348Kb / 21P
   3.3V EconOscillator Frequency Synthesizer
051606
logo
Dallas Semiconductor
DS1085 DALLAS-DS1085 Datasheet
331Kb / 21P
   EconOscillator Frequency Synthesizer
logo
Maxim Integrated Produc...
DS1085 MAXIM-DS1085 Datasheet
356Kb / 21P
   EconOscillator Frequency Synthesizer
051506
logo
Integrated Device Techn...
ICS843204I IDT-ICS843204I Datasheet
382Kb / 16P
   3.3V LVPECL FREQUENCY SYNTHESIZER
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1088C MAXIM-DS1088C_V01 Datasheet
478Kb / 8P
   Fixed-Frequency EconOscillator?
19-6186; Rev 1; 4/15
DS1088L MAXIM-DS1088L_V01 Datasheet
458Kb / 8P
   Fixed-Frequency EconOscillator?
19-6184; Rev 3; 4/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1089L MAXIM-DS1089L Datasheet
490Kb / 12P
   3.3V Center SpreadSpectrum EconOscillator
Rev 1; 9/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com