Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTD1857AI3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTD1857AI3
Description  Silicon NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD1857AI3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTD1857AI3 Datasheet HTML 1Page - Cystech Electonics Corp. BTD1857AI3 Datasheet HTML 2Page - Cystech Electonics Corp. BTD1857AI3 Datasheet HTML 3Page - Cystech Electonics Corp. BTD1857AI3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C855I3
Issued Date : 2004.09.16
Revised Date :
Page No. : 2/4
BTD1857AI3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
180
-
-
V
IC=50µA, IE=0
BVCEO
160
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=50µA, IC=0
ICBO
-
-
1
µA
VCB=160V, IE=0
IEBO
-
-
1
µA
VEB=4V, IC=0
*VCE(sat)
-
-
0.6
V
IC=1A, IB=100mA
*VBE(on)
-
-
1.5
V
VCE=5V, IC=150mA
hFE1
60
-
320
-
VCE=5V, IC=150mA
hFE2
30
-
-
-
VCE=5V, IC=500mA
fT
-
140
-
MHz
VCE=5V, IC=150mA
Cob
-
27
-
pF
VCB=10V, IE=0, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Classification of hFE 1
Rank
P
Q
R
Range
82~190
120~200
180~320


Similar Part No. - BTD1857AI3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD1857A3 CYSTEKEC-BTD1857A3 Datasheet
160Kb / 4P
   Silicon NPN Epitaxial Planar Transistor
BTD1857AD3 CYSTEKEC-BTD1857AD3 Datasheet
168Kb / 4P
   Silicon NPN Epitaxial Planar Transistor
BTD1857AE3 CYSTEKEC-BTD1857AE3 Datasheet
160Kb / 4P
   Silicon NPN Epitaxial Planar Transistor
BTD1857AFP CYSTEKEC-BTD1857AFP Datasheet
166Kb / 4P
   Silicon NPN Epitaxial Planar Transistor
BTD1857AJ3 CYSTEKEC-BTD1857AJ3 Datasheet
158Kb / 4P
   Silicon NPN Epitaxial Planar Transistor
More results

Similar Description - BTD1857AI3

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com