Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTD2150L3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTD2150L3
Description  Low Vcesat NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTD2150L3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTD2150L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTD2150L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTD2150L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTD2150L3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C848L3
Issued Date : 2004.10.07
Revised Date : 2204.11.15
Page No. : 2/4
BTD2150L3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=50µA, IE=0
BVCEO
30
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=50µA, IC=0
ICBO
-
-
100
nA
VCB=30V, IE=0
IEBO
-
-
100
nA
VEB=3V, IC=0
*VCE(sat)
-
0.25
0.5
V
IC=2A, IB=0.2A
*VBE(sat)
-
-
1.5
V
IC=2A, IB=0.2A
*hFE1
52
-
-
-
VCE=2V, IC=20mA
*hFE2
82
-
560
-
VCE=2V, IC=0.1A
*hFE3
50
-
-
-
VCE=3V, IC=1A
fT
-
90
-
MHz
VCE=5V, IC=0.1A, f =100MHz
Cob
-
45
-
pF
VCB=10V, f=1MHz
*Pulse Test : Pulse Width
≤380µs, Duty Cycle≤2%
Classification Of hFE 2
Rank
P
Q
R
S
Range
82~180
120~270
180~390
270~560
Characteristic Curves
Grounded Emitter Output Characteristics
0
20
40
60
80
100
120
140
01
2
3
4
5
6
Collector To Emitter Voltage---VCE(V)
IB=0uA
100uA
200uA
300uA
400uA
500uA
Grounded Emitter Output Characteristics
0
100
200
300
400
500
600
700
01
234
56
Collector To Emitter Voltage---VCE(V)
IB=0uA
500uA
1mA
1.5mA
2mA
2.5mA


Similar Part No. - BTD2150L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD2150A3 CYSTEKEC-BTD2150A3 Datasheet
169Kb / 5P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AD3 CYSTEKEC-BTD2150AD3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AE3 CYSTEKEC-BTD2150AE3 Datasheet
160Kb / 5P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AM3 CYSTEKEC-BTD2150AM3 Datasheet
181Kb / 5P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AT3 CYSTEKEC-BTD2150AT3 Datasheet
157Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
More results

Similar Description - BTD2150L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD882NUT3 CYSTEKEC-BTD882NUT3 Datasheet
302Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1862I3 CYSTEKEC-BTD1862I3 Datasheet
143Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2097AI3 CYSTEKEC-BTD2097AI3 Datasheet
156Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AD3 CYSTEKEC-BTD2150AD3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882D3 CYSTEKEC-BTD882D3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882T3 CYSTEKEC-BTD882T3 Datasheet
146Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882I3 CYSTEKEC-BTD882I3 Datasheet
231Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
D44H11E3 CYSTEKEC-D44H11E3 Datasheet
180Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1805F3 CYSTEKEC-BTD1805F3 Datasheet
263Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN853L3 CYSTEKEC-BTN853L3 Datasheet
271Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN1101E3 CYSTEKEC-BTN1101E3 Datasheet
141Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com