Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRF1215 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # FRF1215
Description  Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

FRF1215 Datasheet(HTML) 1 Page - Mospec Semiconductor

  FRF1215 Datasheet HTML 1Page - Mospec Semiconductor FRF1215 Datasheet HTML 2Page - Mospec Semiconductor FRF1215 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOSPEC
FRF1205 Thru FRF1220
Switchmode
Full Plastic Dual Fast Recovery Power Rectifiers
Designed for use in switching power supplies. inverters and as free
wheeling diodes. These state-of-the-art devices have the following features:
*Glass Passivated chip junctions
*Low Reverse Leakage Current
*Fast Switching for High Efficiency
*150℃ Operating Junction Temperature
*Low Forward Voltage , High Current Capability
*Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
Plating pb free is indicated by box
MAXIMUM RATINGS
FRF12
Characteristic
Symbol
05
10
15
20
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
V
Average Rectifier Forward Current
Per Leg
TC=125℃
Per Total Device
IF(AV)
6.0
12
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz,TC=125℃)
IFM
12
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase, 60Hz)
IFSM
100
A
Operating and Storage Junction
Temperature Range
TJ , Tstg
-65 to +125
ELECTRIAL CHARACTERISTICS
FRF12
Characteristic
Symbol
05
10
15
20
Unit
Maximum Instantaneous Forward Voltage
( IF =6.0 Amp TC = 25℃)
VF
1.3
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
5.0
100
uA
Reverse Recovery Time
( IF = 0.5 A, IR =1.0 , Irr =0.25 A )
Trr
150
ns
Typical Junction Capacitance
(Reverse Voltage of 4 volts & f=1 MHz)
CP
55
PF
FAST RECOVERY
RECTIFIERS
12 AMPERES
50-200 VOLTS
ITO-220AB
MILLIMETERS
DIM
MIN
MAX
A
15.05
15.15
B
13.35
13.45
C
10.00
10.10
D
6.55
6.65
E
2.65
2.75
F
1.55
1.65
G
1.15
1.25
H
0.55
0.65
I
2.50
2.60
J
3.00
3.20
K
1.10
1.20
L
0.55
0.65
M
4.40
4.60
N
1.15
1.25
P
2.65
2.75
O
3.35
3.45
Q
3.15
3.25


Similar Part No. - FRF1215

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
FRF1210CT SUNMATE-FRF1210CT Datasheet
1Mb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - FRF1215

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
FRF0605 MOSPEC-FRF0605 Datasheet
68Kb / 3P
   Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF0630 MOSPEC-FRF0630 Datasheet
68Kb / 2P
   Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1030 MOSPEC-FRF1030 Datasheet
67Kb / 2P
   Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1605 MOSPEC-FRF1605 Datasheet
76Kb / 2P
   Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1005 MOSPEC-FRF1005 Datasheet
62Kb / 3P
   Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1230 MOSPEC-FRF1230 Datasheet
66Kb / 2P
   Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF1630 MOSPEC-FRF1630 Datasheet
67Kb / 3P
   Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
URAF0530 MOSPEC-URAF0530 Datasheet
198Kb / 2P
   Switchmode Full Plastic Ultra-fast Power Rectifiers
URAF1530 MOSPEC-URAF1530 Datasheet
193Kb / 2P
   Switchmode Full Plastic Ultra-fast Power Rectifiers
URF1230 MOSPEC-URF1230 Datasheet
199Kb / 2P
   Switchmode Full Plastic Dual Ultrafast Power Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com