Part Name
         Description
TIL306

 NUMERIC DISPLAYS WITH LOGIC ( 9 Page)


TI
100% 
Zoom Out Zoom In
   
 6 page
background image
TIL306, TIL307
NUMERIC DISPLAYS WITH LOGIC
SLBS001 – D1034, JUNE 1982 – REVISED SEPTEMBER 1992
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
6
switching characteristics, VCC = 5 V, TC = 25°C
PARAMETER†
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
12
18
MHz
tPLH
SERIAL lookahead
MAX COUNT Output
12
ns
tPHL
SERIAL lookahead
MAX-COUNT Output
CL = 15 pF,
RL = 560 Ω,
23
ns
tPLH
CLK Input
MAX COUNT Output
L
,
See Figure 1
L
,
26
ns
tPHL
CLK Input
MAX-COUNT Output
29
ns
tPLH
CLK Input
QA QB QC QD
C15 F
R1 2 k
28
ns
tPHL
CLK Input
QA, QB, QC, QD
CL = 15 pF,
See Figure 1
RL = 1.2 kΩ,
38
ns
tPHL
CLR Input
QA, QB, QC, QD
See Figure 1
57
ns
† fmax ≡ Maximum clock frequency
tPLH ≡ Propagation delay time, low-to-high-level output
tPHL ≡ Propagation delay time, high-to-low-level output
PARAMETER MEASUREMENT INFORMATION
Output
RL
VCC
From Output
Under Test
CL = 15 pF
NOTES: A. CL includes probe and jig capacitance.
B. All diodes are 1N3064.
Figure 1. Load Circuit
1  2  3  4  5  6  7  8  9 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TIL308NUMERIC DISPLAYS WITH LOGIC 1 2 3 4 5 MoreTexas Instruments
ML9050132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays 1 2 3 4 5 MoreOKI electronic componets
UVS-5X01A0.56 inch 14.22 mm SINGLE DIGIT NUMERIC LED DISPLAYS 1 2 3 4 5 Unity Opto Technology
LA-601BLHigh efficiency single-digit numeric displays 1 2 Rohm
MS251A0.5 DUAL DIGIT NUMERIC DISPLAYS 1 2 Micro Electronics
M52321SP3 CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNTION FOR HIGH DEFINITION COLOR DISPLAYS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
AN874Using the MAX6950 and the MAX6951 LED Display Drivers with Multiplex Dual-Digit Displays 1 2 3 4 5 MoreMaxim Integrated Products
SA15-1138mm 1.5 INCH SINGLE DIGIT NUMERIC DISPLAYS 1 2 3 4 5 Kingbright Corporation
LTS-3406L0.8 SINGLE DIGIT NUMERIC DISPLAYS 1 2 3 4 5 MoreLite-On Technology Corporation
LM48771 Watt Audio Power Amplifier in micro SMD package with Shutdown Logic Low 1 2 3 4 5 MoreNational Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl