Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTN1053M3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTN1053M3
Description  NPN Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTN1053M3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTN1053M3 Datasheet HTML 1Page - Cystech Electonics Corp. BTN1053M3 Datasheet HTML 2Page - Cystech Electonics Corp. BTN1053M3 Datasheet HTML 3Page - Cystech Electonics Corp. BTN1053M3 Datasheet HTML 4Page - Cystech Electonics Corp. BTN1053M3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C818M3
Issued Date : 2003.04.04
Revised Date :2004.04.12
Page No. : 3/5
BTN1053M3
CYStek Product Specification
Characteristic Curves
Grounded Emitter Output Characteristics
0
200
400
600
800
1000
1200
1400
1600
1800
01
23
45
6
Collector To Emitter Voltage---VCE(V)
IB=0mA
4mA
6mA
8mA
2mA
10mA
Grounded Emitter Output Characteristics
0
500
1000
1500
2000
2500
01
2
3
4
5
6
Collector To Emitter Voltage---VCE(V)
IB=0mA
5mA
10mA
15mA
20mA
25mA
Grounded Emitter Output Characteristics
0
50
100
150
200
250
01
2
3
4
5
6
Collector To Emitter Voltage---VCE(V)
IB=0uA
100uA
200uA
300uA
400uA
500uA
Grounded Emitter Output Characteristics
0
200
400
600
800
1000
1200
01
2
3
4
5
6
Collector To Emitter Voltage---VCE(V)
IB=0uA
500uA
1mA
1.5mA
2mA
2.5mA
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE=1V
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE=2V


Similar Part No. - BTN1053M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTN1053A3 CYSTEKEC-BTN1053A3 Datasheet
275Kb / 8P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN1053I3 CYSTEKEC-BTN1053I3 Datasheet
309Kb / 7P
   NPN Epitaxial Planar Transistor
BTN1053K3 CYSTEKEC-BTN1053K3 Datasheet
304Kb / 8P
   NPN Epitaxial Planar Transistor
BTN1053L3 CYSTEKEC-BTN1053L3 Datasheet
153Kb / 5P
   NPN Epitaxial Planar Transistor
More results

Similar Description - BTN1053M3

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com