Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTN2369N3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTN2369N3
Description  High Frequency NPN Switching Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTN2369N3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTN2369N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTN2369N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTN2369N3 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C229N3
Issued Date : 2004.08.09
Revised Date :
Page No. : 2/3
BTN2369N3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
40
-
-
V
IC=50µA
BVCEO
15
-
-
V
IC=1mA
BVEBO
4.5
-
-
V
IE=50µA
ICBO
-
-
100
nA
VCB=40V
IEBO
-
-
100
nA
VEB=4.5V
*VCE(sat) 1
-
-
250
mV
IC=10mA, IB=1mA
*VCE(sat) 2
-
-
300
mV
IC=20mA, IB=1mA
*VBE(sat) 1
700
-
850
mV
IC=10mA, IB=1mA
*VBE(sat) 2
-
-
1
V
IC=20mA, IB=1mA
*hFE1
40
-
120
-
VCE=1V, IC=10mA
*hFE2
20
-
-
-
VCE=2V, IC=100mA
fT
500
-
-
MHz
VCE=10V, IC=10mA, f=100MHz
Cob
-
-
4
pF
VCB=5V, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%


Similar Part No. - BTN2369N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTN2369A3 CYSTEKEC-BTN2369A3 Datasheet
135Kb / 3P
   High Frequency NPN Switching Transistor
BTN2369S3 CYSTEKEC-BTN2369S3 Datasheet
216Kb / 6P
   High Frequency NPN Switching Transistor
More results

Similar Description - BTN2369N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTN2369A3 CYSTEKEC-BTN2369A3 Datasheet
135Kb / 3P
   High Frequency NPN Switching Transistor
BTN2369S3 CYSTEKEC-BTN2369S3 Datasheet
216Kb / 6P
   High Frequency NPN Switching Transistor
BTC752A3 CYSTEKEC-BTC752A3 Datasheet
126Kb / 3P
   High Frequency NPN Switching Transistor
logo
Solid States Devices, I...
SPT3571 SSDI-SPT3571 Datasheet
496Kb / 4P
   HIGH FREQUENCY TRANSISTOR NPN
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
   NPN (HIGH FREQUENCY TRANSISTOR)
logo
Galaxy Semi-Conductor H...
2SC4627 BILIN-2SC4627 Datasheet
171Kb / 4P
   NPN High-frequency Transistor
logo
Pan Jit International I...
MMBTH10 PANJIT-MMBTH10 Datasheet
128Kb / 3P
   NPN HIGH FREQUENCY TRANSISTOR
logo
Seme LAB
2N3019CSM SEME-LAB-2N3019CSM_03 Datasheet
20Kb / 2P
   HIGH FREQUENCY, NPN TRANSISTOR
logo
Rohm
MMST918 ROHM-MMST918 Datasheet
70Kb / 3P
   NPN High Frequency Transistor
logo
NEC
2SC4173 NEC-2SC4173 Datasheet
238Kb / 4P
   HIGH FREQUENCY AMPLIFIER AND SWITCHING NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com