Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTNA06N3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTNA06N3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTNA06N3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTNA06N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTNA06N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTNA06N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTNA06N3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C216N3
Issued Date : 2003.10.07
Revised Date :
Page No. : 2/4
BTNA06N3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
80
-
-
V
IC=100µA
BVCEO
80
-
-
V
IC=1mA
BVEBO
4
-
-
V
IE=100µA
ICBO
-
-
100
nA
VCB=80V
ICEO
-
-
100
nA
VCE=60V
*VCE(sat)
-
-
0.25
V
IC=100mA, IB=10mA
*VBE(on)
-
-
1.2
V
VCE=1V, IC=100mA
*hFE1
50
-
-
-
VCE=1V, IC=10mA
*hFE2
50
-
-
-
VCE=1V, IC=100mA
fT
100
-
-
MHz
VCE=2V, IC=10mA, f=100MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%


Similar Part No. - BTNA06N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTNA13A3 CYSTEKEC-BTNA13A3 Datasheet
151Kb / 4P
   Gentral Purpose NPN Epitaxial Planar Transistor
BTNA14A3 CYSTEKEC-BTNA14A3 Datasheet
151Kb / 4P
   Gentral Purpose NPN Epitaxial Planar Transistor
BTNA14N3 CYSTEKEC-BTNA14N3 Datasheet
159Kb / 4P
   Gentral Purpose NPN Epitaxial Planar Transistor
BTNA29A3 CYSTEKEC-BTNA29A3 Datasheet
292Kb / 8P
   General Purpose NPN Epitaxial Planar Transistor
BTNA29A3-0-BK-G CYSTEKEC-BTNA29A3-0-BK-G Datasheet
292Kb / 8P
   General Purpose NPN Epitaxial Planar Transistor
More results

Similar Description - BTNA06N3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com