Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTNA44N3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTNA44N3
Description  High Voltage NPN Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTNA44N3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTNA44N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTNA44N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTNA44N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTNA44N3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C210N3-H
Issued Date : 2003.06.12
Revised Date :
Page No. : 3/4
BTNA44N3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
10
100
1000
0.1
1
10
100
1000
Collector Current ---IC(mA)
HFE@VCE=10V
Saturation Voltage vs Collector Current
10
100
1000
10000
0.1
1
10
100
1000
Collector Current ---IC(mA)
VCESAT@IC=10IB
Saturation Voltage vs Collector Current
100
1000
10000
0.1
1
10
100
1000
Collector Current--- IC(mA)
VBESAT@IC=10IB
Power Derating Curve
0
50
100
150
200
250
0
50
100
150
200
Ambient Temperature --- Ta(℃ )


Similar Part No. - BTNA44N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTNA44A3 CYSTEKEC-BTNA44A3 Datasheet
166Kb / 5P
   High Voltage NPN Epitaxial Planar Transistor
BTNA44M3 CYSTEKEC-BTNA44M3 Datasheet
137Kb / 4P
   High Voltage NPN Epitaxial Planar Transistor
More results

Similar Description - BTNA44N3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC1027 KEC-KTC1027 Datasheet
358Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTC3415A3 CYSTEKEC-BTC3415A3 Datasheet
299Kb / 6P
   High Voltage NPN Epitaxial Planar Transistor
BTC4621K3 CYSTEKEC-BTC4621K3 Datasheet
172Kb / 4P
   High Voltage NPN Epitaxial Planar Transistor
BTC4505M3 CYSTEKEC-BTC4505M3 Datasheet
166Kb / 5P
   High Voltage NPN Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTC2238A KEC-KTC2238A Datasheet
67Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTD7521E3 CYSTEKEC-BTD7521E3 Datasheet
229Kb / 5P
   High Voltage NPN Epitaxial Planar Transistor
BTD7521H8 CYSTEKEC-BTD7521H8 Datasheet
250Kb / 6P
   High Voltage NPN Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTC3245 KEC-KTC3245 Datasheet
78Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTC4062N3 CYSTEKEC-BTC4062N3 Datasheet
273Kb / 5P
   High Voltage NPN Epitaxial Planar Transistor
BTC4505A3 CYSTEKEC-BTC4505A3 Datasheet
145Kb / 4P
   High Voltage NPN Epitaxial Planar Transistor
BTD2568L3 CYSTEKEC-BTD2568L3 Datasheet
156Kb / 4P
   High Voltage NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com