Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTP955L3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTP955L3
Description  PNP Epitaxial Planar High Current (High Performance) Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTP955L3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTP955L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTP955L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTP955L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTP955L3 Datasheet HTML 4Page - Cystech Electonics Corp. BTP955L3 Datasheet HTML 5Page - Cystech Electonics Corp. BTP955L3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C606L3
Issued Date : 2005.02.04
Revised Date : 2005.03.04
Page No. : 2/6
BTP955L3
CYStek Product Specification
Characteristics (Ta=25°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-180
-210
-
V
IC=-100µA
BVCER
-180
-210
-
V
IC=-1µA, RBE1kΩ
*BVCEO
-140
-170
-
V
IC=-10mA
BVEBO
-6
-8
-
V
IE=-100µA
ICBO
-
-
-50
nA
VCB=-150V
ICER
-
-
-50
nA
VCE=-150V, RBE1kΩ
IEBO
-
-
-10
nA
VEB=-6V
*VCE(sat)1
-
-40
-60
mV
IC=-100mA, IB=-5mA
*VCE(sat)2
-
-70
-120
mV
IC=-500mA, IB=-50mA
*VCE(sat)3
-
-110
-150
mV
IC=-1A, IB=-100mA
*VCE(sat)4
-
-270
-370
mV
IC=-3A, IB=-300mA
*VBE(sat)
-
-930
-1110
mV
IC=-3A, IB=-300mA
*VBE(on)
-
-830
-950
mV
VCE=-5V, IC=-3A
hFE1
100
200
-
-
VCE=-5V, IC=-10mA
hFE2
100
200
300
-
VCE=-5V, IC=-1A
*hFE3
75
140
-
-
VCE=-5V, IC=-3A
*hFE4
-
10
-
-
VCE=-5V, IC=-10A
fT
-
110
-
MHz
VCE=-10V, IC=-100mA, f=50MHz
Cob
-
40
-
pF
VCB=-20V, f=1MHz
ton
68
ns
toff
1030
ns
IC=-1A, IB1=-100mA, IB2=100mA,
VCC=-50V
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
Marking
BTP955L3
SOT-223
(Pb-free)
1000 pcs / Tape & Reel
955


Similar Part No. - BTP955L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTP955E3 CYSTEKEC-BTP955E3 Datasheet
316Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955J3 CYSTEKEC-BTP955J3 Datasheet
184Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955M3 CYSTEKEC-BTP955M3 Datasheet
251Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
More results

Similar Description - BTP955L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1216J3 CYSTEKEC-BTB1216J3 Datasheet
257Kb / 7P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955E3 CYSTEKEC-BTP955E3 Datasheet
316Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP953L3 CYSTEKEC-BTP953L3 Datasheet
204Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP2014L3 CYSTEKEC-BTP2014L3 Datasheet
292Kb / 8P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955J3 CYSTEKEC-BTP955J3 Datasheet
184Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTB4511J3 CYSTEKEC-BTB4511J3 Datasheet
305Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP1955L3 CYSTEKEC-BTP1955L3 Datasheet
264Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955M3 CYSTEKEC-BTP955M3 Datasheet
251Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
logo
KEC(Korea Electronics)
KTA1282 KEC-KTA1282 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com