Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2006N Datasheet(PDF) 2 Page - Anachip Corp

Part # AP2006N
Description  200KHz, PWM Buck DC/DC & Linear Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2006N Datasheet(HTML) 2 Page - Anachip Corp

  AP2006N Datasheet HTML 1Page - Anachip Corp AP2006N Datasheet HTML 2Page - Anachip Corp AP2006N Datasheet HTML 3Page - Anachip Corp AP2006N Datasheet HTML 4Page - Anachip Corp AP2006N Datasheet HTML 5Page - Anachip Corp AP2006N Datasheet HTML 6Page - Anachip Corp AP2006N Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP2006
200KHz, PWM Buck DC/DC & Linear Controller
Anachip Corp.
www.anachip.com.tw
Rev. 1.1 Nov 17, 2004
2/7
Ordering Information
Package
Packing
S : SOP-8L
AP2006
X X
Blank : Tube
A
: Taping
N : DIP-8L
Block Diagram
Current
Source
bias
1.23V
Reference
2.5V
Regulator
250kHz
OSC.
Start
up
+
Pre-driver
GND
OUT1
V
CC
SS/EN
FB1
+
_
Amp
Comp
FB2
+
_
Amp
Current
Limit
Buffer
OUT2
LPF
LPF
EN
10 A
1.5V
SCP
+
_
µ


Similar Part No. - AP2006N

ManufacturerPart #DatasheetDescription
logo
LEM
AP200-B10 LEM-AP200-B10 Datasheet
56Kb / 2P
   AC Current transducer AP-B10
AP200-B420L LEM-AP200-B420L Datasheet
56Kb / 2P
   AC Current transducer AP-B420L
logo
Advanced Semiconductor
AP2000A-00 ASI-AP2000A-00 Datasheet
14Kb / 1P
   SILICON PIN DIODE CHIP
logo
Anachip Corp
AP2001 ANACHIP-AP2001 Datasheet
188Kb / 8P
   Monolithic Dual Channel PWM Controller
logo
Diodes Incorporated
AP2001 DIODES-AP2001 Datasheet
176Kb / 8P
   MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
More results

Similar Description - AP2006N

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1502 ANACHIP-AP1502 Datasheet
119Kb / 5P
   200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
logo
Unisonic Technologies
P1595 UTC-P1595_11 Datasheet
258Kb / 6P
   200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1595 UTC-P1595 Datasheet
180Kb / 6P
   200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Advanced Power Electron...
APE1720 A-POWER-APE1720 Datasheet
453Kb / 8P
   200KHz, 1.5A PWM Buck DC/DC Converter
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
   200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P1595 UTC-P1595_15 Datasheet
268Kb / 6P
   200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Intersil Corporation
ISL6521 INTERSIL-ISL6521 Datasheet
639Kb / 13P
   PWM Buck DC-DC and Triple Linear Power Controller
logo
Renesas Technology Corp
ISL6521 RENESAS-ISL6521 Datasheet
748Kb / 14P
   PWM Buck DC-DC and Triple Linear Power Controller
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com