Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB3211 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GB3211
Description  Power PARAGON-TM DIGITAL Four Channel DSP System with FRONTWAVE-R
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GB3211 Datasheet(HTML) 2 Page - Gennum Corporation

  GB3211 Datasheet HTML 1Page - Gennum Corporation GB3211 Datasheet HTML 2Page - Gennum Corporation GB3211 Datasheet HTML 3Page - Gennum Corporation GB3211 Datasheet HTML 4Page - Gennum Corporation GB3211 Datasheet HTML 5Page - Gennum Corporation GB3211 Datasheet HTML 6Page - Gennum Corporation GB3211 Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2 of 7
GENNUM CORPORATION
20475 - 4
ABSOLUTE MAXIMUM RATING
PAD CONNECTION
Operating Temperature Range:
-10°C to 40°C
Storage Temperature Range:
-20°C to 70°C
Absolute Maximum Power Dissipation:
25mW
Maximum Operating Supply Voltage:
1.5VDC
Absolute Maximum Supply Voltage:
2VDC
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
MGND
FMIC
T
MS
VB
MS2
VBP
OUT+
OUT-
PGND
GND
SDA
VC
RMIC
VREG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
CAUTION
LEVEL 3 MOISTURE
SENSITIVE DEVICES
DO NOT OPEN PACKAGES EXCEPT UNDER
CONTROLLED CONDITIONS
ELECTRICAL CHARACTERISTICS
Conditions: Supply Voltage VB = 1.3V; Temperature = 25°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Hybrid Current
Ι
AMP
See current consumption section
-
700
-
µA
Minimum Operating Supply Voltage
VBOFF
Ramp down
0.94
1.0
1.05
V
Supply Voltage turn on threshold
VBON
Ramp up
1.06
1.10
1.16
V
Supply Voltage Hysteresis
90
100
110
mV
Supply Voltage during
Communication
VBC
During Communication
1.19
1.35
1.5
V
Hybrid Current during
Communication
Ι
P
Programming (<5 ms)
-
3.7
-
mA
EEPROM Burn Cycles
Note 2
100k
-
cycles
Low Frequency System Bandwidth
100
140
225
Hz
High Frequency System Bandwidth
15.2
16
16.8
kHz
Total Maximum System Gain
AV
VIN = -95 dBV @ 3kHz; squelch
disabled
See Note 1.
81
83
85
dB
Converter Gain
ACONV
A/D + D/A gain.
27
29
31
dB
Total Harmonic Distortion
THD
VIN = -40 dBV
-
0.05
1
%
THD at Maximum Input
THDM
VIN = -15 dBV, HRX - ON
-
1.5
3
%
Clock Frequency
ƒclk
1.945
2.048
2.151
MHz
REGULATOR
Regulator Voltage
VREG
0.90
0.95
1.00
V
Regulator Supply Rejection
PSRRREG
-50-
dB


Similar Part No. - GB3211

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB3212 GENNUM-GB3212 Datasheet
169Kb / 10P
   DUET??DIGITAL Advanced DSP System with FRONTWAVE짰
GB3215 GENNUM-GB3215 Datasheet
131Kb / 6P
   PARAGON??DIGITAL Four Channel DSP System with FRONTWAVE
logo
Yellow Stone Corp
GB3216TC-DPG YSTONE-GB3216TC-DPG Datasheet
573Kb / 3P
   CERAMIC BASIC TYPE HIGH-PERFORMANCE LEDS
More results

Similar Description - GB3211

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GB3215 GENNUM-GB3215 Datasheet
131Kb / 6P
   PARAGON??DIGITAL Four Channel DSP System with FRONTWAVE
GA3214 GENNUM-GA3214 Datasheet
127Kb / 6P
   PARAGON-TM DIGITAL Two Channel DSP System
GA3219 GENNUM-GA3219 Datasheet
354Kb / 24P
   Venture-TM Digital DSP System
GA3216 GENNUM-GA3216 Datasheet
233Kb / 14P
   FOUNDATION-TM Digital Single or Dual Channel DSP Compression System
GA3222 GENNUM-GA3222 Datasheet
374Kb / 21P
   Advanta-TM ADRO-TM - Enabled DSP System
GA3205 GENNUM-GA3205 Datasheet
112Kb / 6P
   FRONTWAVE-TM Multi-Microphone Hybrid
GB3212 GENNUM-GB3212 Datasheet
169Kb / 10P
   DUET??DIGITAL Advanced DSP System with FRONTWAVE짰
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
   FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
logo
ON Semiconductor
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3229 ONSEMI-SB3229 Datasheet
135Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com