Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1531-CB Datasheet(PDF) 10 Page - Gennum Corporation

Part # GS1531-CB
Description  GS1531 HD-LINX-TM II Multi-Rate Serializer
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1531-CB Datasheet(HTML) 10 Page - Gennum Corporation

Back Button GS1531-CB Datasheet HTML 6Page - Gennum Corporation GS1531-CB Datasheet HTML 7Page - Gennum Corporation GS1531-CB Datasheet HTML 8Page - Gennum Corporation GS1531-CB Datasheet HTML 9Page - Gennum Corporation GS1531-CB Datasheet HTML 10Page - Gennum Corporation GS1531-CB Datasheet HTML 11Page - Gennum Corporation GS1531-CB Datasheet HTML 12Page - Gennum Corporation GS1531-CB Datasheet HTML 13Page - Gennum Corporation GS1531-CB Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
GS1531 Data Sheet
30573 - 4
July 2005
10 of 49
G5
SMPTE_BYPASS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set HIGH in conjunction with DVB_ASI = LOW, the device will be
configured to operate in SMPTE mode. All I/O processing features may be
enabled in this mode.
When set LOW, the device will not support the scrambling or encoding of
received SMPTE data. No I/O processing features will be available.
G6
RESET_TRST
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to reset the internal operating conditions to default settings and to
reset the JTAG test sequence.
Host Mode (JTAG/HOST = LOW)
When asserted LOW, all functional blocks will be set to default conditions
and all input and output signals become high impedance, including the
serial digital outputs SDO and SDO.
Must be set HIGH for normal device operation.
JTAG Test Mode (JTAG/HOST = HIGH)
When asserted LOW, all functional blocks will be set to default and the
JTAG test sequence will be held in reset.
When set HIGH, normal operation of the JTAG test sequence resumes.
G8
BLANK
Synchronous
with PCLK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable input data blanking.
When set LOW, the luma and chroma input data is set to the appropriate
blanking levels. Horizontal and vertical ancillary spaces will also be set to
blanking levels.
When set HIGH, the luma and chroma input data pass through the device
unaltered.
H4
CS_TMS
Synchronous
with
SCLK_TCK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Chip Select / Test Mode Select
Host Mode (JTAG/HOST = LOW)
CS_TMS operates as the host interface chip select, CS, and is active
LOW.
JTAG Test Mode (JTAG/HOST = HIGH)
CS_TMS operates as the JTAG test mode select, TMS, and is active
HIGH.
NOTE: If the host interface is not being used, tie this pin HIGH.
H5
SCLK_TCK
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Serial Data Clock / Test Clock.
Host Mode (JTAG/HOST = LOW)
SCLK_TCK operates as the host interface burst clock, SCLK. Command
and data read/write words are clocked into the device synchronously with
this clock.
JTAG Test Mode (JTAG/HOST = HIGH)
SCLK_TCK operates as the JTAG test clock, TCK.
NOTE: If the host interface is not being used, tie this pin HIGH.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS1531-CB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1531-CB GENNUM-GS1531-CB Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
GS1531-CBE2 GENNUM-GS1531-CBE2 Datasheet
817Kb / 50P
   Multi-Rate Serializer with ClockCleaner
More results

Similar Description - GS1531-CB

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9062 GENNUM-GS9062 Datasheet
790Kb / 46P
   GS9062 HD-LINX-TM II SD-SDI and DVB-ASI Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1559 GENNUM-GS1559 Datasheet
1Mb / 74P
   GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com