Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1535ACFUE3 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS1535ACFUE3
Description  GS1535A / GS9065A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1535ACFUE3 Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS1535ACFUE3 Datasheet HTML 2Page - Gennum Corporation GS1535ACFUE3 Datasheet HTML 3Page - Gennum Corporation GS1535ACFUE3 Datasheet HTML 4Page - Gennum Corporation GS1535ACFUE3 Datasheet HTML 5Page - Gennum Corporation GS1535ACFUE3 Datasheet HTML 6Page - Gennum Corporation GS1535ACFUE3 Datasheet HTML 7Page - Gennum Corporation GS1535ACFUE3 Datasheet HTML 8Page - Gennum Corporation GS1535ACFUE3 Datasheet HTML 9Page - Gennum Corporation GS1535ACFUE3 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
GS1535A / GS9065A Data Sheet
31497 - 3
November 2005
6 of 27
1.3 GS1535A / GS9065A Pin Descriptions
Table 1-1: GS1535A / GS9065A Pin Descriptions
Pin Number
Name
Type
Description
1, 3
DDI0, DDI0
Input
Serial digital differential input 0.
2
DDI0_VTT
Passive
Center tap of two 50
Ω on-chip termination resistors between DDI0 and DDI0.
4, 8, 12,16, 32,
37, 43, 49, 64
GND
Passive
Recommended connect to GND.
5, 7
DDI1,DDI1
Input
Serial digital differential input 1.
6
DDI1_VTT
Passive
Center tap of two 50
Ω on-chip termination resistors between DDI1 and DDI1.
9, 11
DDI2, DDI2
Input
Serial digital differential input 2.
10
DDI2_VTT
Passive
Center tap of two 50
Ω on-chip termination resistors between DDI2 and DDI2.
13, 15
DDI3, DDI3
Input
Serial digital differential input 3.
14
DDI3_VTT
Passive
Center tap of two 50
Ω on-chip termination resistors between DDI3 and DDI3.
17, 18
DDI_SEL[1:0]
Logic Input
Serial digital input select.
19
BYPASS
Logic Input
Bypass the reclocker stage.
When BYPASS is HIGH, it overwrites the AUTOBYPASS setting.
20
AUTOBYPASS
Logic Input
Automatically bypasses the reclocker stage when the PLL is not locked
This pin is ignored when BYPASS is HIGH.
21
AUTO/MAN
Logic Input
Auto/Manual select.
When set HIGH, the standard is automatically detected from the input data rate.
When set LOW, the user must program the input standard using the SS[2:0]
pins.
22
VCC_VCO
Power
Most positive power supply connection for the internal VCO section.
Connect to 3.3V.
23
VEE_VCO
Power
Most negative power supply connection for the internal VCO section.
Connect to GND.
DDI_SEL1
DDI_SEL0
INPUT SELECTED
0
0
DDI0
0
1
DDI1
1
0
DDI2
1
1
DDI3


Similar Part No. - GS1535ACFUE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535ACFUE3 GENNUM-GS1535ACFUE3 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
More results

Similar Description - GS1535ACFUE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
GS1575A GENNUM-GS1575A Datasheet
498Kb / 29P
   GS1575A / GS9075A HD-LINX-R II Multi-Rate SDI Automatic Reclocker
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
logo
M/A-COM Technology Solu...
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
   3G/HD/SD-SDI Multi-rate Reclocker
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
   3G/HD/SD-SDI Multi-rate Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com