Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF9331-CBP Datasheet(PDF) 1 Page - Gennum Corporation

Part # GF9331-CBP
Description  DTV/SDTV Motion Co-processor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GF9331-CBP Datasheet(HTML) 1 Page - Gennum Corporation

  GF9331-CBP Datasheet HTML 1Page - Gennum Corporation GF9331-CBP Datasheet HTML 2Page - Gennum Corporation GF9331-CBP Datasheet HTML 3Page - Gennum Corporation GF9331-CBP Datasheet HTML 4Page - Gennum Corporation GF9331-CBP Datasheet HTML 5Page - Gennum Corporation GF9331-CBP Datasheet HTML 6Page - Gennum Corporation GF9331-CBP Datasheet HTML 7Page - Gennum Corporation GF9331-CBP Datasheet HTML 8Page - Gennum Corporation GF9331-CBP Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
www.gennum.com
GF9331 HDTV/SDTV
Motion Co-processor
GF9331 Data Sheet
Proprietary and Confidential
18303 - 4
June 2004
1 of 31
Features
support for 10/8-bit HDTV/SDTV input video signals
seamless interface to Gennum's GF9330 high
performance de-interlacer through a filter control bus
multi-directional edge detection and control
support for multiplexed and non-multiplexed Y/C video
3-field vertical motion detection and control
fully configurable to support custom video modes
ability to extract HVF information from embedded TRS
seamless interface to popular ADCs and NTSC/PAL
decoders
user configuration through a dedicated host interface,
supporting parallel and serial interfaces
5V tolerant inputs
3.3V supply for device I/O and 2.5V for core logic
Applications
HDTV Up/Down Converters
Production Equipment
Video Walls
Projection Systems
Plasma Displays
LCD TVs
Home Theatre Systems
HD DVD Players
Device Overview
The GF9331 is a high performance motion
co-processor that is used in conjunction with Gennum's
GF9330 HDTV/SDTV 10-bit De-interlacer. Together,
the GF9331 and the GF9330 provide 10-bit broadcast
quality de-interlacing for standard and high-definition
video signals up to 1080p60.
Although the GF9330 can fully function as a stand alone
de-interlacer, the GF9331 provides added features in
the form of a filter selection control bus that enables
multi-directional edge and adaptive 3-field vertical
motion detection. Edge detection and interpolation
removes the edge artifacts that tend to occur while
de-interlacing on shallow horizontal edges while vertical
motion detection reduces motion artifacts.
Filter selection controls are sent to the GF9330 on a
pixel-by-pixel basis. The GF9331 integrates all the
necessary line delays for the motion and edge
detectors. The GF9331 also provides seamless
interfaces to off-chip SDRAMs that form the required
field delays.
Ordering Information
Block Diagram
Part Number
Package
Temp. Range
GF9331-CBP
328 PIN BGA
0oC to 70oC
Pre-filter
Encoder
Edge Detection
Vertical Motion
Detection
Y/C
Control bus
to GF9330
External Memory Interface
Delay
Y/C Delayed Video
to GF9330


Similar Part No. - GF9331-CBP

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GF9330 GENNUM-GF9330 Datasheet
674Kb / 42P
   High Performance HDTV/SDTV Deinterlacer
GF9330-CBP GENNUM-GF9330-CBP Datasheet
674Kb / 42P
   High Performance HDTV/SDTV Deinterlacer
More results

Similar Description - GF9331-CBP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC3310 ETC-MC3310 Datasheet
1Mb / 83P
   Motion Processor
MC3110 ETC-MC3110 Datasheet
1Mb / 81P
   Pilot??Motion Processor
MC2400 ETC1-MC2400 Datasheet
1Mb / 59P
   Navigator Motion Processor
MC2500 ETC1-MC2500 Datasheet
1Mb / 52P
   Navigator Motion Processor
MC3510 ETC1-MC3510 Datasheet
1,023Kb / 75P
   Pilot Motion Processor
MC2300 ETC-MC2300 Datasheet
1Mb / 59P
   Navigator Motion Processor
logo
STMicroelectronics
STI3220 STMICROELECTRONICS-STI3220 Datasheet
2Mb / 24P
   MOTION ESTIMATION PROCESSOR
logo
List of Unclassifed Man...
MC58000 ETC1-MC58000 Datasheet
443Kb / 50P
   Magellan Motion Processor
logo
NXP Semiconductors
HTRC12002B PHILIPS-HTRC12002B Datasheet
57Kb / 8P
   HITAG co-processor
2001 Nov 15
logo
Integrated Device Techn...
89TTM553 IDT-89TTM553 Datasheet
374Kb / 30P
   Traffic Manager Co-processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com