Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9000DCPJ Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9000DCPJ
Description  GENLINX II -TM GS9000D Serial Digital Decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9000DCPJ Datasheet(HTML) 2 Page - Gennum Corporation

  GS9000DCPJ Datasheet HTML 1Page - Gennum Corporation GS9000DCPJ Datasheet HTML 2Page - Gennum Corporation GS9000DCPJ Datasheet HTML 3Page - Gennum Corporation GS9000DCPJ Datasheet HTML 4Page - Gennum Corporation GS9000DCPJ Datasheet HTML 5Page - Gennum Corporation GS9000DCPJ Datasheet HTML 6Page - Gennum Corporation GS9000DCPJ Datasheet HTML 7Page - Gennum Corporation GS9000DCPJ Datasheet HTML 8Page - Gennum Corporation GS9000DCPJ Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GENNUM CORPORATION
18784 - 3
2 of 9
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage (VS = VDD - VSS)7V
Input Voltage Range (any input)
-0.3 to (VDD + 0.3)
DC Input Current (any one input)
±10µA
Operating Temperature Range
0°C to 70°C
Storage Temperature Range
-65°C to +150C
Lead Temperature (Soldering, 10 seconds)
260°C
DC ELECTRICAL CHARACTERISTICS
VDD = 5V, TA = 0°C to 70°C unless otherwise shown
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
TEST
LEVEL
Supply Voltage
VS
Operating range
4.75
5.00
5.25
V
3
Power Consumption (outputs
unloaded)
PC
ƒ = 143MHz
-
235
-
mW
7
ƒ = 270MHz
-
325
-
mW
7
CMOS Input Voltage
VIHMIN
TA = 25°C
3.4
-
-
V
1
VILMAX
--
1.5
V
1
Output Voltage
VOHMIN
IOH = 4mA, 25°C
2.4
4.5
-
V
1
VOLMAX
IOL = 4mA, 25°C
-
0.2
0.5
V
1
Input Leakage Current
Ι
IN
VIN = VDD or VSS
--
±10
µA
3
Serial Clock and Data Inputs
Common Mode Voltage
VCM
TA = 25°C,
VIN = 700 to 1200mVpp
3.0
-
4.05
V
Centre of
Swing
1
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using
correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
9. Indirect test.


Similar Part No. - GS9000DCPJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9000 GENNUM-GS9000 Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9000CCPJ GENNUM-GS9000CCPJ Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9000CCTJ GENNUM-GS9000CCTJ Datasheet
106Kb / 8P
   Serial Digital Decoder
More results

Similar Description - GS9000DCPJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
   GENLINX -TM II GS9021A EDH Coprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com