Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9005B Datasheet(PDF) 11 Page - Gennum Corporation

Part # GS9005B
Description  GENLINX-TM GS9005B Serial Digital Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9005B Datasheet(HTML) 11 Page - Gennum Corporation

Back Button GS9005B Datasheet HTML 4Page - Gennum Corporation GS9005B Datasheet HTML 5Page - Gennum Corporation GS9005B Datasheet HTML 6Page - Gennum Corporation GS9005B Datasheet HTML 7Page - Gennum Corporation GS9005B Datasheet HTML 8Page - Gennum Corporation GS9005B Datasheet HTML 9Page - Gennum Corporation GS9005B Datasheet HTML 10Page - Gennum Corporation GS9005B Datasheet HTML 11Page - Gennum Corporation GS9005B Datasheet HTML 12Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
32466 - 0
NOT
RECOMMENDED
FOR
NEW
DESIGNS
5.6k
VEE
1N914
1.3k
1.3k
5k
Divide by 2 is OFF
4.3k
VEE
1N914
5k
Divide by 2 is ON
VEE
1k
1k
Divide by 2 is OFF
Divide by 2 is ON
VEE
1N914
1k
1k
0.1µF
0.1µF
0.1µF
0.1µF
1N914
Figure 16 shows the connections for the frequency setting
resistors for the various data rates. The compensation shown
for 360 Mb/s and 177 Mb/s with Divide by 2 ON, is useful to
a maximum ambient temperature of 50°C. If the Divide by 2
function is not enabled by the ƒ/2 ENABLE input, no compen-
sation is needed for the 143 Mb/s and 177 Mb/s data rates.
The resistor connections are shown in Figure 17. In both
cases, the 0.1 µF capacitor that bypasses the potentiometer
should be star routed to VEE 3.
Temperature Compensation
Loop Bandwidth
The loop bandwidth is dependant upon the internal PLL gain
constants along with the loop filter components connected to
pin 12. In addition, the impedance seen by the RVCO pin also
influences the loop characteristics such that as the imped-
ance drops, the loop gain increases.
Applications Circuit
Figure 18 shows an application of the GS9005B in an
adjustment free, multi-standard serial to parallel convertor.
This circuit uses the GS9010A
Automatic Tuning Sub-
system IC and a GS9000B or GS9000S Decoder IC. The
GS9005B may be replaced with a GS9015B Reclocker IC
if cable equalization is not required.
The GS9010A ATS eliminates the need to manually set or
externally temperature compensate the Receiver or Reclocker
VCO. The GS9010A can also determine whether the incoming
data stream is 4ƒsc NTSC,4ƒsc PAL or component 4:2:2.
The GS9010A includes a ramp generator/oscillator which
repeatedly sweeps the Receiver VCO frequency over a set
range until the system is correctly locked. An automatic
fine tuning (AFT) loop maintains the VCO control voltage at
it's centre point through continuous, long term adjustments
of the VCO centre frequency.
When an interruption to the incoming data stream is
detected by the Receiver, the Carrier Detect goes LOW
and opens the AFT loop in order to maintain the correct
VCO frequency for a period of at least 2 seconds. This
allows the Receiver to rapidly relock when the signal is re-
established.
During normal operation, the GS9000B or GS9000S Decoder
provides continuous HSYNC pulses which disable the
ramp/oscillator of the GS9010A.
This maintains the
correct Receiver VCO frequency.
Divide by 2 is OFF
VEE
1k
0.1µF
10k
143Mb/s and 177 Mb/s using any R
VCO0
pins
Fig. 17
Non - Temperature Compensated Resistor Values
for 143 Mb/s and 177 Mb/s
Temperature Compensation Procedure
In order to correctly set the VCO frequency so that the PLL will
always re-acquire lock over the full temperature range, the
following procedure should be used. The circuit should be
powered on for at least one minute prior to starting this
procedure.
Monitor the loop filter voltage at the junction of the loop filter
resistor and 10 nF loop filter capacitor (LOOP FILTER TEST
POINT). Using the appropriate network shown above, the
VCO frequency is set by first tuning the potentiometer so that
the PLL loses lock at the low end (lowest loop filter voltage).
The loop filter voltage is then slowly increased by adjusting the
the potentiometer to determine the error free low limit of the
capture range. Error free operation is determined by using a
suitable CRC or EDH measurement method to obtain a stable
signal with no errors. Record the loop filter voltage at this point
as V
CL
. Now adjust the potentiometer so that the loop filter
voltage is 250 mV above V
CL
.
Fig. 16 Frequency Setting Resistor Values
& Temperature Compensation
270 Mb/s using R
VCO0
or R
VCO1
143 Mb/s using R
VCO2
or R
VCO3
177 Mb/s using R
VCO2
or R
VCO3
360 Mb/s using R
VCO0
or R
VCO1


Similar Part No. - GS9005B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B GENNUM-GS9005B Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005BCPJ GENNUM-GS9005BCPJ Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005BCPJE3 GENNUM-GS9005BCPJE3 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005BCTJ GENNUM-GS9005BCTJ Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
More results

Similar Description - GS9005B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com