Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9005BCPJ Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9005BCPJ
Description  GENLINX-TM GS9005B Serial Digital Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9005BCPJ Datasheet(HTML) 5 Page - Gennum Corporation

  GS9005BCPJ Datasheet HTML 1Page - Gennum Corporation GS9005BCPJ Datasheet HTML 2Page - Gennum Corporation GS9005BCPJ Datasheet HTML 3Page - Gennum Corporation GS9005BCPJ Datasheet HTML 4Page - Gennum Corporation GS9005BCPJ Datasheet HTML 5Page - Gennum Corporation GS9005BCPJ Datasheet HTML 6Page - Gennum Corporation GS9005BCPJ Datasheet HTML 7Page - Gennum Corporation GS9005BCPJ Datasheet HTML 8Page - Gennum Corporation GS9005BCPJ Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
32466 - 0
NOT
RECOMMENDED
FOR
NEW
DESIGNS
PIN NO
SYMBOL
TYPE
DESCRIPTION
18
V
CC3
Power Supply. Most positive power supply connection. (VCO, MUX, standards select).
19
CD
Output
Carrier Detect. Open collector output which goes HIGH when a signal is present at either the Serial
Data inputs or the Direct Digital inputs. This output is used in conjunction with the GS9000B or GS9000S
in the Automatic Standards Select Mode to disable the 2 bit standard select counter. This pin should
see a low impedance (e.g. 1nF to AC Gnd)
20,21
SS0, SS1 Inputs
Standard Select Inputs. TTL inputs to the 2:4 multiplexer used to select one of four VCO centre
frequency setting resistors (R
VCO0
- R
VCO3
). When both SS0 and SS1 are LOW, R
VCO0
is selected.
When SS0 is HIGH and SS1 is LOW, R
VCO1
is selected. When SS0 is LOW and SS1 is HIGH, R
VCO2
is selected and when both SS0 and SS1 are HIGH, R
VCO3
is selected. These pins should see a
low impedance (e.g. 1nF to AC Gnd)
22,23
SCO/SCO Outputs
Serial Clock Outputs (inverse and true). Pseudo-ECL differential outputs of the extracted serial clock.
These outputs require 390
Ω pull-down resistors to V
EE
.
24,25
SDO/SDO Outputs
Serial Data Outputs (inverse and true). Pseudo-ECL differential outputs of the regenerated serial data.
These outputs require 390
Ω pull-down resistors to V
EE
.
26
V
CC4
Power Supply. Most positive power supply connection. (ECL outputs)
27
V
EE2
Power Supply. Most negative power supply connection. (Phase detector, A/D select, Carrier detect)
28
SS
I
Signal Strength Indicator. Analog output which indicates the amount of AGC action. This output
indirectly indicates the amount of equalization and thus cable length.
GS9005B PIN DESCRIPTIONS cont.
Fig. 3 Pins 1, 5 and 6
VCC
VCC
+
-
+
-
16µA
VCC
2k
2k
1k
1k
1.6V
380µA
50µA
A / D
DDI
Pin 1
Pin 5
Pin 6
DDI
VCC
1.2V
INPUT / OUTPUT CIRCUITS


Similar Part No. - GS9005BCPJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005BCPJ GENNUM-GS9005BCPJ Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005BCPJE3 GENNUM-GS9005BCPJE3 Datasheet
2Mb / 13P
   Serial Digital Receiver
More results

Similar Description - GS9005BCPJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com