Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9008ACKA Datasheet(PDF) 2 Page - Gennum Corporation

Part # GS9008ACKA
Description  GENLINX -TM GS9008A Cable Driver with Two Adjustable Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9008ACKA Datasheet(HTML) 2 Page - Gennum Corporation

  GS9008ACKA Datasheet HTML 1Page - Gennum Corporation GS9008ACKA Datasheet HTML 2Page - Gennum Corporation GS9008ACKA Datasheet HTML 3Page - Gennum Corporation GS9008ACKA Datasheet HTML 4Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GENNUM CORPORATION
29781 - 1
2 of 4
ABSOLUTE MAXIMUM RATINGS
GS9008A CABLE DRIVER — DC ELECTRICAL CHARACTERISTICS
Conditions: VS = 5V, TA = 0°C to 70°C, RL= 150 Ω to GND and 144 Ω AC coupled unless otherwise shown
GS9008A CABLE DRIVER — AC ELECTRICAL CHARACTERISTICS
Conditions: VS = 5V, TA = 0°C to 70°C, RL= 150 Ω to GND and 144 Ω AC coupled unless otherwise shown
PARAMETER
VALUE
Supply Voltage (VS)
5.5V
Input Voltage Range (any input)
VS -0.5V
Power Dissipation
300mW
Operating Temperature Range
0°C
≤ T
A ≤ 70°C
Storage Temperature Range
-65°C
≤ T
S ≤ 150°C
Lead Temperature (soldering, 10 sec)
260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VS
4.5
5.0
5.5
volts
Power Consumption
PD
4 x150
Loads DC
1% Accuracy, TA= 25°C
VSET = (0.667) VREF
-
170
190
mW
Supply Current
Ι
S1
-62
67
mA
Supply Current
Ι
S2
DC No Loads, TA= 25°C
-
16
20
mA
Reference Voltage
VREF
10 k
to ground
-
1.2
-
volts
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Input Signal Amplitude
VIN
700
800
1000
mVp-p
Input Signal Rise/Fall Times
tR,tF
-
-
750
ps
Output Amplitudes across
75
Load (See Note 1)
VOUT
VSET = (0.5) VREF
540
600
660
mVp-p
Note 1 & 2
VSET = (0.667) VREF
720
800
880
mVp-p
Note 1 & 2
VSET = (0.833) VREF
900
1000
1100
mVp-p
Note 1 & 2
Output Amplitude
Temperature Coefficient
(See Note 2)
TC
VSET = (0.5) VREF
-
25
100
ppm/°C
VSET = (0.667) VREF
-
-12
80
ppm/°C
VSET = (0.833) VREF
-
-45
80
ppm/°C
Output
Rise/Fall Times
(20% to 80%)
tR,tF
VSET = (0.5) VREF
400
630
800
ps
VSET = (0.667) VREF
400
575
800
ps
VSET = (0.833) VREF
400
530
800
ps
Output Overshoot
tR= tF = 600 ps
-
0
-
%
See Figure 3
Jitter
tJ
at 270Mb/s
-
-
±25
ps
Propagation Delay
tP
-1-
ns
1. VOUT is measured across a correctly terminated load, back matched to the device. The peak to peak voltage of the device
itself is 2 x VOUT.
2. VOUT is proportional to VSET and VSET may be an external low impedance, high stability supply.
In this case the amplitude
temperature coefficient will not be guaranteed.


Similar Part No. - GS9008ACKA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
   Cable Driver with Two Adjustable Outputs
GS9008-CKA ETC-GS9008-CKA Datasheet
70Kb / 4P
   Cable Driver with Two Adjustable Outputs
More results

Similar Description - GS9008ACKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9009A GENNUM-GS9009A Datasheet
94Kb / 4P
   GENLINX -TM GS9009A Cable Driver with Four Adjustable Outputs
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
   Cable Driver with Two Adjustable Outputs
logo
Gennum Corporation
GS9028 GENNUM-GS9028_04 Datasheet
272Kb / 7P
   Cable Driver with Two Adjustable Outputs
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
   Cable Driver with Two Adjustable Outputs
logo
National Semiconductor ...
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
[Old version datasheet]   Serial Digital Cable Driver with Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
   Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
   Serial Digital Cable Driver with Adjustable Outputs
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
   Serial Digital Cable Driver with Adjustable Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com