Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9005BCPJE3 Datasheet(PDF) 4 Page - Gennum Corporation

Part # GS9005BCPJE3
Description  GENLINX-TM GS9005B Serial Digital Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9005BCPJE3 Datasheet(HTML) 4 Page - Gennum Corporation

  GS9005BCPJE3 Datasheet HTML 1Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 2Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 3Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 4Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 5Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 6Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 7Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 8Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
32466 - 0
NOT
RECOMMENDED
FOR
NEW
DESIGNS
SD0
SD0
SC0
SC0
SS1
SS0
CD
DDI
DDI
VCC2
SDI
SDI
VCC1 VEE1 CAP
A/D
SS
I
VEE2
VCC4
GS9005B
TOP VIEW
LOOP RVCO0 RVCO1 RVCO2 OEM RVCO3 VCC3
FILT
25
24
23
22
21
20
19
5
6
7
8
9
10
11
12
13
14
15
16
17
18
4
3
2
28
27
26
AGC
ƒ/2 EN
VEE3
GS9005B PIN DESCRIPTIONS
PIN NO.
SYMBOL
TYPE
DESCRIPTION
1
A/D
Input
Analog/Digital Select. TTL compatible input used to select the input signal source. A logic HIGH routes the
Equalizer inputs (pins 8 and 9) to the PLL and a logic LOW routes the Direct Digital inputs (pins 5 and 6)
to the PLL.
2
AGC CAP
Input
AGC Capacitor. Connection for the AGC capacitor.
3VEE1
Power Supply. Most negative power supply connection. (Equalizer)
4VCC1
Power Supply. Most positive power supply connection. (Equalizer)
5,6
DDI/DDI
Input
Direct Data Inputs (true and inverse). Pseudo-ECL, differential serial data inputs. These are selected
when the A/D input (pin 1) is at logic LOW and are self biased to 1.2 volts below VCC. They may be
directly driven from true ECL drivers when VEE = -5V and VCC= 0 V.
7VCC2
Power Supply. Most positive power supply connection. ( Phase detector, A/D select, carrier detect).
8,9
SDI/SDI
Input
Serial Data Inputs (true and inverse). Differential analog serial data inputs. Inputs must be AC
coupled and may be driven single ended. These inputs are selected when the A/D input (pin 1) is
logic HIGH.
10
ƒ/2 EN
Input
ƒ/2 Enable-TTL compatible input used to enable the divide by 2 function.
11
VEE3
Power Supply. Most negative power supply connection. (VCO, Mux, Standard Select)
12
LOOP FILT
Loop Filter. Node for connecting the loop filter components.
13
RVCO0
Input
VCO Resistor 0. Analog current input used to set the centre frequency of the VCO when the two
Standard Select bits (pins 20 and 21) are set to logic 0,0. A resistor is connected from this pin to VEE.
14
RVCO1
Input
VCO Resistor 1. Analog current input used to set the centre frequency of the VCO when Standard
Select bit 0 (pin 20) is set HIGH and bit 1 (pin 21) is set LOW. A resistor is connected from this pin to VEE.
15
RVCO2
Input
VCO Resistor 2. Analog current input used to set the centre frequency of the VCO when Standard
Select bit 0 (pin 20) is set LOW and bit 1 (pin 21) is set HIGH. A resistor is connected from this pin to VEE.
16
OEM
Output
Output Eye Monitor Analog voltage representing the serial bit stream after equalization but before reslicing.
17
R
VCO3
Input
VCO Resistor 3. Analog current input used to set the centre frequency of the VCO when the two
Standard Select bits (pins 20 and 21) are set HIGH. A resistor is connected from this pin to V
EE
.
Fig. 2 GS9005B Pin Connections
tD
SERIAL
DATA OUT
(SD0)
50%
SERIAL
CLOCK OUT
(SCK)
tD
50%
Fig.1 Waveforms


Similar Part No. - GS9005BCPJE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005BCPJE3 GENNUM-GS9005BCPJE3 Datasheet
2Mb / 13P
   Serial Digital Receiver
More results

Similar Description - GS9005BCPJE3

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com