Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9015B Datasheet(PDF) 7 Page - Gennum Corporation

Part # GS9015B
Description  GENLINX-TM GS9015B Serial Digital Reclocker
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9015B Datasheet(HTML) 7 Page - Gennum Corporation

Back Button GS9015B Datasheet HTML 3Page - Gennum Corporation GS9015B Datasheet HTML 4Page - Gennum Corporation GS9015B Datasheet HTML 5Page - Gennum Corporation GS9015B Datasheet HTML 6Page - Gennum Corporation GS9015B Datasheet HTML 7Page - Gennum Corporation GS9015B Datasheet HTML 8Page - Gennum Corporation GS9015B Datasheet HTML 9Page - Gennum Corporation GS9015B Datasheet HTML 10Page - Gennum Corporation GS9015B Datasheet HTML 11Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7 of 13
32467 - 0
NOT
RECOMMENDED
FOR
NEW
DESIGNS
INPUT / OUTPUT CIRCUITS cont.
Pin 12
LOOP FILTER
VCC
VCC
1k
VCC
2k
1.5k
Fig. 6 Pin 12
10k
VCC
Pin 19
CD
Fig. 7 Pin 19
VCC
Pin 20
SSO
VCC
40
µA
40
µA
Pin 21
SS1
VCC
Pin 10
ƒ/2 EN
VCC
VCC
+
-
18
µA
55
µA
480
µA
1.6V
Fig. 8 Pins 20, 21 and 10


Similar Part No. - GS9015B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9015ACPJ GENNUM-GS9015ACPJ Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9015ACTJ GENNUM-GS9015ACTJ Datasheet
138Kb / 13P
   Serial Digital Reclocker
More results

Similar Description - GS9015B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com