Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9022ACPJ Datasheet(PDF) 5 Page - Gennum Corporation

Part # GS9022ACPJ
Description  GENLINXTM GS9022A Digital Video Serializer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9022ACPJ Datasheet(HTML) 5 Page - Gennum Corporation

  GS9022ACPJ Datasheet HTML 1Page - Gennum Corporation GS9022ACPJ Datasheet HTML 2Page - Gennum Corporation GS9022ACPJ Datasheet HTML 3Page - Gennum Corporation GS9022ACPJ Datasheet HTML 4Page - Gennum Corporation GS9022ACPJ Datasheet HTML 5Page - Gennum Corporation GS9022ACPJ Datasheet HTML 6Page - Gennum Corporation GS9022ACPJ Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 of 7
18325 - 01
INPUT / OUTPUT CIRCUITS
Fig. 3 Output Circuit
Fig. 1 Sync Detect Disable, Parallel Data,
Parallel Clock
VEE
1k
1k
VCC
PINS 3-12
13, 25
VR1
Fig. 2 Lock Detect
Fig. 4 Input Clock / Data Timing
LOCK
DETECT
10k
VEE
VCC
PIN 14
VCC
400
400
VOUT
PIN 23
VOUT
PIN 22
VCC
VCC
tSU
tHOLD
tCLKL = tCLKH
PARALLEL
CLOCK
PLCK
50%
PARALLEL
DATA
PDn


Similar Part No. - GS9022ACPJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9022 ETC-GS9022 Datasheet
160Kb / 7P
   Digital Video Serializer
GS9022-CPJ ETC-GS9022-CPJ Datasheet
160Kb / 7P
   Digital Video Serializer
GS9022-CTJ ETC-GS9022-CTJ Datasheet
160Kb / 7P
   Digital Video Serializer
More results

Similar Description - GS9022ACPJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9022 ETC-GS9022 Datasheet
160Kb / 7P
   Digital Video Serializer
logo
Gennum Corporation
GS7032 GENNUM-GS7032 Datasheet
184Kb / 9P
   Digital Video Serializer
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9002 GENNUM-GS9002 Datasheet
316Kb / 11P
   GENLINXTM GS9002 Serial Digital Encoder
logo
National Semiconductor ...
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com