Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9023A Datasheet(PDF) 8 Page - Gennum Corporation

Part # GS9023A
Description  GENLINX -TM II GS9023A Embedded Audio CODEC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9023A Datasheet(HTML) 8 Page - Gennum Corporation

Back Button GS9023A Datasheet HTML 4Page - Gennum Corporation GS9023A Datasheet HTML 5Page - Gennum Corporation GS9023A Datasheet HTML 6Page - Gennum Corporation GS9023A Datasheet HTML 7Page - Gennum Corporation GS9023A Datasheet HTML 8Page - Gennum Corporation GS9023A Datasheet HTML 9Page - Gennum Corporation GS9023A Datasheet HTML 10Page - Gennum Corporation GS9023A Datasheet HTML 11Page - Gennum Corporation GS9023A Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
8 of 37
GENNUM CORPORATION
19795 - 6
2.
DETAILED DESCRIPTION
The GS9023A has two main modes of operation: Multiplex
Mode and Demultiplex Mode. In Multiplex Mode, which is
selected by setting the DEMUX/MUX input pin LOW, digital
audio is embedded into a digital video stream. In
Demultiplex Mode, which is selected by setting the DEMUX/
MUX input pin HIGH, digital audio is extracted from a digital
video stream. Table 14 and Table 15 contain Host Interface
Register descriptions for the Multiplex and Demultiplex
Modes respectively.
2.1
MULTIPLEX MODE
2.1.1 Video Clock Input
A master video clock must be supplied to the PCLK pin
corresponding
to
the
selected
video
standard.
The
supported video input standards and corresponding clock
frequencies are listed in Table 1.
2.1.2 Video Data Input
The video data DIN[9:0] is clocked into the GS9023A on the
rising edge of PCLK. The video clock frequency must
correspond to the video input standard selected. This is
done via the “VSEL” bit of Host Interface Register #0h.
When “VSEL” is LOW, the video input standard is selected
by the VM[2:0] and TRS input pins. When “VSEL” is HIGH,
the video input standard is selected by the “VMOD[2:0]”
and “D2_TRS” bits in Host Interface Register #0h. The
supported video input standards are listed in Table 1.
After the user has specified the video input standard via the
VM[2:0] and TRS pins or by setting Host Interface Register
#0h, the GS9023A performs video standard detection to
verify that the input video stream corresponds to the
selected standard. The LOCK output pin and the “LOCK”
bit of Host Interface Register #0h are then set HIGH if at
least one of the audio channel enable bits “CHACT(4-1)” of
Host Interface Register #1h is HIGH and the start of a video
frame is detected.
NOTE: The user must ensure that the video input format
correctly corresponds to the video format being provided to
the GS9023A. For 8-bit video operation, the "8BIT_SEL" bit
of the Host Interface Register #2h must be set HIGH.
TABLE 1 VIDEO INPUT FORMATS
VIDEO STANDARD
SERIAL DIGITAL
DATA RATE
(MBPS)
PCLK
FREQUENCY
(MHZ)
VM[2] OR
“VMOD[2]”
VM[1] OR
“VMOD[1]”
VM[0] OR
“VMOD[0]”
TRS OR
“D2_TRS”
525/D2 (SMPTE259M)
143
14.3
0000
525/D2 (SMPTE244M)
143
14.3
0001
525/D1
270
27.0
0010
Reserved
-
-
0011
525/16:9
360
36.0
0100
Reserved
-
-
0101
525/4:4:4:4 (System #1)
540
54.0
0110
Reserved
-
-
0111
625/D2 (with TRS)
177
17.7
1000
625/D2 (without TRS)
177
17.7
1001
625/D1
270
27.0
1010
Reserved
-
-
1011
625/16:9
360
36.0
1100
Reserved
-
-
1101
625/4:4:4:4 (System #2)
540
54.0
1110
625/4:2:2P (System #4)
540
54.0
1111


Similar Part No. - GS9023A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
GS9023-CFY ETC-GS9023-CFY Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Gennum Corporation
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
GS9023BCVE3 GENNUM-GS9023BCVE3 Datasheet
714Kb / 56P
   Embedded Audio CODEC
More results

Similar Description - GS9023A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
EB9021 GENNUM-EB9021 Datasheet
413Kb / 8P
   GENLINX-TM II EB9021 Evaluation Board
GS9021A GENNUM-GS9021A Datasheet
374Kb / 26P
   GENLINX -TM II GS9021A EDH Coprocessor
EB9024 GENNUM-EB9024 Datasheet
116Kb / 9P
   GENLINX-TM II EB9024 Evaluation Board
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
EB-RD35 GENNUM-EB-RD35 Datasheet
220Kb / 9P
   GENLINX-TM II EB-RD35 Evaluation Board
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Gennum Corporation
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com