Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9035CCTJ Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9035CCTJ
Description  GENLINX II -TM GS9035C Serial Digital Reclocker
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9035CCTJ Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9035CCTJ Datasheet HTML 2Page - Gennum Corporation GS9035CCTJ Datasheet HTML 3Page - Gennum Corporation GS9035CCTJ Datasheet HTML 4Page - Gennum Corporation GS9035CCTJ Datasheet HTML 5Page - Gennum Corporation GS9035CCTJ Datasheet HTML 6Page - Gennum Corporation GS9035CCTJ Datasheet HTML 7Page - Gennum Corporation GS9035CCTJ Datasheet HTML 8Page - Gennum Corporation GS9035CCTJ Datasheet HTML 9Page - Gennum Corporation GS9035CCTJ Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
GENNUM CORPORATION
20582 - 3
6 of 14
DETAILED DESCRIPTION
DETAILED DESCRIPTION
DETAILED DESCRIPTION
DETAILED DESCRIPTION
The GS9035C receives either a single-ended or differential
PECL serial data stream at the DDI and DDI inputs. It locks
an internal clock to the incoming data and outputs the
differential PECL retimed data signal and recovered clock
on outputs SDO/SDO and SCO/SCO respectively. The
timing between the input, output, and clock signals is
shown below.
Fig. 8 Input/Output Clock Signal Timing
The GS9035C reclocker contains four main functional
blocks: the Phase Locked Loop, Auto/Manual Data Rate
Select, Frequency Acquisition, and Logic Circuit.
1. PHASE LOCKED LOOP (PLL)
The Phase Locked Loop locks the internal PLL clock to the
incoming data rate. A simplified block diagram of the PLL is
shown below. The main components are the VCO, the
phase detector, the charge pump, and the loop filter.
Fig. 9 Simplified Diagram of the PLL
1.1 VCO
The VCO is a differential low phase noise, factory trimmed
design that provides increased immunity to PCB noise and
precise control of the VCO center frequency. The VCO
operates between 143 and 360Mb/s and has a pull range of
-13 +25% about the center frequency depending on the
signal data rate. A single low impedance external resistor,
RVCO, sets the VCO center frequency (see Figure 9). The
low impedance RVCO minimizes thermal noise and reduces
the PLL's sensitivity to PCB noise.
For a given RVCO value, the VCO can oscillate at one of two
frequencies. When SMPTE = SS0 = logic 1, the VCO center
frequency corresponds to the ƒL curve. For all other
SMPTE/SS0 combinations, the VCO center frequency
corresponds to the ƒH curve (ƒH is approximately 1.5 x ƒL).
Fig. 10 VCO Frequency vs. RVCO
The recommended RVCO value for auto rate SMPTE 259M
applications is 365
Ω.
The VCO and an internal divider generate the PLL clock.
Divider moduli of 1, 2, and 4 allow the PLL to lock to data
rates from 143Mb/s to 360Mb/s. The divider modulus is set
by
the
AUTO/MAN,
SMPTE,
and
SS[1:0]
pin
(see Auto/Manual Data Rate Select section for further
details).
When the input data stream is removed for an excessive
period of time (see AC electrical characteristics table), the
VCO frequency can drift from the previously locked
frequency up to the maximum shown in Table 1.
DDI
SDO
SCO
50%
DDI/DDI
LF+
LFS
LF-
RVCO
VCO
DIVISION
RLF CLF1
CLF2
2
PHASE
DETECTOR
INTERNAL
PLL CLOCK
CHARGE
PUMP
LOOP
FILTER
TABLE 1: Frequency Drift Range (when PLL loses lock)
LOSES LOCK FROM
MIN (%)
MAX(%)
143Mb/s lock
-21
21
177Mb/s lock
-12
26
270Mb/s lock
-13
28
360 Mb/s lock
-13
24
0
100
200
300
400
500
600
700
800
0
200
400
600
800
1000
1200
1400
1600
1800
RVCO (Ω)
ƒH
ƒL
SMPTE=1
SSO=1


Similar Part No. - GS9035CCTJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
More results

Similar Description - GS9035CCTJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9000D GENNUM-GS9000D Datasheet
151Kb / 9P
   GENLINX II -TM GS9000D Serial Digital Decoder
GS9020A GENNUM-GS9020A Datasheet
401Kb / 31P
   GENLINX -TM II GS9020A Serial Digital Video Input Processor
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9002A GENNUM-GS9002A Datasheet
462Kb / 11P
   GENLINX-TM GS9002A Serial Digital Encoder
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
GS9004D GENNUM-GS9004D Datasheet
66Kb / 4P
   GENLINX-TM GS9004D Serial Digital Cable Equalizer
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS9015A GENNUM-GS9015A Datasheet
138Kb / 13P
   Serial Digital Reclocker
EB9035 GENNUM-EB9035 Datasheet
185Kb / 9P
   GENLINX-TM II EB9035 Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com