Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDY2000PZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDY2000PZ
Description  Dual P-Channel (-2.5V) Specified PowerTrenchR MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDY2000PZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDY2000PZ Datasheet HTML 1Page - Fairchild Semiconductor FDY2000PZ Datasheet HTML 2Page - Fairchild Semiconductor FDY2000PZ Datasheet HTML 3Page - Fairchild Semiconductor FDY2000PZ Datasheet HTML 4Page - Fairchild Semiconductor FDY2000PZ Datasheet HTML 5Page - Fairchild Semiconductor FDY2000PZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDY200PZ Rev A
www.fairchildsemi.com
Typical Characteristics
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS= -4.5V
-3.0V
-1.8V
-2.0V
-2.5V
V
-4.0V
0.6
1
1.4
1.8
2.2
2.6
0
0.2
0.4
0.6
0.8
1
-ID, DRAIN CURRENT (A)
VGS=-1.8V
-3.0V
-3.5V
-4.5V
-2.0V
-2.5V
-4.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -0.35A
VGS = -4.5V
0.25
0.75
1.25
1.75
2.25
0
2
4
6
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -0.175A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
0.2
0.4
0.6
0.8
1
0.5
1
1.5
2
2.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25oC
-55oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25oC
-55oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDY2000PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDY2001PZ FAIRCHILD-FDY2001PZ Datasheet
206Kb / 6P
   Dual P-Channel (-2.5V) Specified PowerTrench MOSFET
More results

Similar Description - FDY2000PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI9934DY FAIRCHILD-SI9934DY Datasheet
52Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502PZ FAIRCHILD-FDW2502PZ Datasheet
87Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2504P KEXIN-KDW2504P Datasheet
63Kb / 2P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS9933 FAIRCHILD-FDS9933_06 Datasheet
372Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS6815 FAIRCHILD-FDS6815 Datasheet
231Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
FDW2506P FAIRCHILD-FDW2506P Datasheet
93Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
SI6943DQ FAIRCHILD-SI6943DQ Datasheet
80Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
SI6963DQ FAIRCHILD-SI6963DQ Datasheet
98Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDC6306P FAIRCHILD-FDC6306P Datasheet
235Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com