Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT4123ACKA Datasheet(PDF) 6 Page - Gennum Corporation

Part # GT4123ACKA
Description  Two Channel Video Multipliers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GT4123ACKA Datasheet(HTML) 6 Page - Gennum Corporation

  GT4123ACKA Datasheet HTML 1Page - Gennum Corporation GT4123ACKA Datasheet HTML 2Page - Gennum Corporation GT4123ACKA Datasheet HTML 3Page - Gennum Corporation GT4123ACKA Datasheet HTML 4Page - Gennum Corporation GT4123ACKA Datasheet HTML 5Page - Gennum Corporation GT4123ACKA Datasheet HTML 6Page - Gennum Corporation GT4123ACKA Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
520 - 38 - 3
-20
-30
-40
-50
-60
-70
-80
-90
-100
1
10
1
100
1
100
1
10
100
FREQUENCY (MHz)
Fig. 6 Crosstalk vs Frequency
0.03
0.02
0.01
0.00
-0.01
-0.02
-0.03
1
3
5
10
FREQUENCY (MHz)
0.1
1
10
FREQUENCY (MHz)
Fig. 7 Differential Gain & Phase vs Frequency
Fig. 8 Crossfade Balance vs Frequency
dg
dp
CH-A
CH-B
CH-A
V
IN
=1Vp-p
CH-B
V
IN
= 150mVp-p
R
COMP
= 680
C
COMP
= 18pF
V
C
= 1Vp-p+0.5VDC
REF = 1Vp-p (0dB)
0.5
0.4
0.3
0.2
0.1
0.0
-0.1
-0.2
-0.3
-0.4
-0.5
01
10
0.01
0.1
1.0
10
FREQUENCY (MHz)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
CH-B
CH-A
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
CONTROL VOLTAGE (V
C
)
Fig. 10 Control Characteristics
1
10
100
FREQUENCY (MHz)
Fig. 9 Output Resistance vs Frequency
Fig. 5
Frequency Response
100
50
0
-30
-35
-40
-45
-50
-55
-60
TYPICAL PERFORMANCE CURVES FOR GT4123 / GT4123A


Similar Part No. - GT4123ACKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCDA GENNUM-GT4123BCDA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCKA GENNUM-GT4123BCKA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCKAE3 GENNUM-GT4123BCKAE3 Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
GT4123BCTA GENNUM-GT4123BCTA Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
More results

Similar Description - GT4123ACKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
logo
Sanyo Semicon Device
LA7471M SANYO-LA7471M Datasheet
198Kb / 9P
   Two-Channel Video camera microphone amplifier
logo
Spectrum Microwave, Inc...
X15 SPECTRUM-X15 Datasheet
235Kb / 1P
   Frequency Multipliers
X48 SPECTRUM-X48 Datasheet
190Kb / 1P
   Frequency Multipliers
logo
Analog Devices
AD530 AD-AD530_15 Datasheet
2Mb / 6P
   MULTIPLIERS DIVIDERS
AD531 AD-AD531_15 Datasheet
2Mb / 6P
   MULTIPLIERS DIVIDERS
logo
Spectrum Microwave, Inc...
X4-X8 SPECTRUM-X4-X8 Datasheet
180Kb / 1P
   Frequency Multipliers
logo
Maxim Integrated Produc...
MAX463 MAXIM-MAX463 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
logo
Electronic devices inc.
NVM-4X EDI-NVM-4X Datasheet
73Kb / 1P
   NIGHT VISION MULTIPLIERS
logo
Texas Instruments
SN54167 TI-SN54167 Datasheet
296Kb / 8P
[Old version datasheet]   SYNCHRONOUS DECADE RATE MULTIPLIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com