Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX4404-CTD Datasheet(PDF) 2 Page - Gennum Corporation

Part # GX4404-CTD
Description  GX4404 Wideband, Monolithic 4x1 Video Multiplexer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GX4404-CTD Datasheet(HTML) 2 Page - Gennum Corporation

  GX4404-CTD Datasheet HTML 1Page - Gennum Corporation GX4404-CTD Datasheet HTML 2Page - Gennum Corporation GX4404-CTD Datasheet HTML 3Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
520 - 43 - 1
2
Supply Voltage
±V
S
Operating Range
± 4.5
-
±5.5
V
DC
I
+
CS = 0
-
30
37
mA
SUPPLY
Supply Current
I
-
CS = 0
-
30
37
mA
I
+
CS = 1
-
220
300
µA
I
-
CS = 1
-
220
380
µA
Analog Output Voltage Swing
V
OUT
Extremes before clipping occurs
-2.4
-
2.6
V
STATIC
Analog Input Bias Current
I
BIAS
-12
-
µA
Output Offset Voltage
V
OS
T
A
= 25
°C
-13
-4
7
mV
Output Offset Voltage Drift
∆V
OS
-35
80
µV/°C
Chip Enable Time
t
ON
Enable input to appearance of signal
-
200
400
ns
LOGIC
Chip Disable Time
t
OFF
Enable input to disappearance
0.6
1.2
-
µs
of signal at output.
Logic Input Thresholds
V
IH
1
2.0
-
-
V
V
IL
0
-
-
0.8
V
Logic Input Current
I
L
--
4
µA
TALLY Outputs
(V
CC
-V
TALLY
)
I
TALLY
= 1mA
70
150
300
mV
Insertion Loss
I.L.
1V p-p sine or sq. wave at 100 kHz
0.030
0.040
0.055
dB
Bandwidth (-3dB)
B.W.
small signal C
L
= 0 pF
-
300
-
MHz
Input Resistance
R
I
N
CS = 0, crosspoint on
0.5
-
-
M
DYNAMIC
Input Capacitance
C
IN
CS = 0, crosspoint on
-
1.5
-
pF
Output Resistance
R
OUT
CS = 0, crosspoint on
-
4
-
Output Capacitance
C
OUT
CS = 1, chip disabled
-
3.7
-
pF
Differential Gain
dg
ƒ = 3.58 MHz, V
IN
= 40
IRE
-
-
0.05
%
Differential Phase
dp
ƒ = 3.58 MHz, V
IN
= 40
IRE
-
-
0.04
deg
All Hostile Crosstalk
XTLK
AH
1Vp-p on 3 inputs 4 th input
has 10
Ω resistor to gnd ƒ=30 MHz
-
70
-
dB
Chip Disabled Crosstalk
XTLK
CD
Enabled device on O/P ƒ=100 MHz
-
80
-
dB
Slew Rate
-SR
V
IN
= 3V p-p (C
L
= 0 pF)
250
-
-
V/
µs
Gain Spread at 30 MHz
∆A
V
--
±0.05
dB
Crosspoint Scatter
R
S
= 75
T
A
= 25
°C-
-
±0.15
deg
ƒ = 3.58 MHz
0
°C < T
A
< 70
°C-
-
±0.25
deg
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(V
S
=
± 5V DC, 0°C ≤ T
A
≤ 70°C, R
L
= 10k
Ω, C
L
= 30 pF, unless otherwise shown.)
+SR
V
IN
= 3V p-p (C
L
= 0 pF)
250
-
-
V/
µs
PARAMETER
VALUE
Supply Voltage
± 7.5V
Operating Temperature Range
0
°C ≤ T
A
≤ 70° C
Storage Temperature Range
-65
°C ≤ T
S
≤ 150° C
Lead Temperature (Soldering, 10 Sec)
260
° C
PARAMETER
VALUE
Analog Input Voltage
(V
EE
-1.4) < V
A
< (V
CC
+0.3)V
Logic Input Voltage
-0.5V
≤ V
L
≤ +5.5V
TALLY Output Current
2 mA
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - GX4404-CTD

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
GX4441 POLYFET-GX4441 Datasheet
59Kb / 2P
   RF POWER GAN TRANSISTOR
GX4442 POLYFET-GX4442 Datasheet
68Kb / 2P
   RF POWER GAN TRANSISTOR
More results

Similar Description - GX4404-CTD

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX214A GENNUM-GX214A Datasheet
175Kb / 5P
   GX214A Monolithic 4x1 Video Multiplexer
GX434 GENNUM-GX434 Datasheet
200Kb / 9P
   GX434 Monolithic 4x1 Video Multiplexer
logo
Maxim Integrated Produc...
MAX4141 MAXIM-MAX4141 Datasheet
69Kb / 8P
   330MHz, 4x1 Precision Video Multiplexer
Rev 0; 5/95
logo
Texas Instruments
MPC100 TI1-MPC100 Datasheet
270Kb / 16P
[Old version datasheet]   Wide Bandwidth 4x1 VIDEO MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
Intersil Corporation
HI-524 INTERSIL-HI-524_02 Datasheet
188Kb / 6P
   4-Channel Wideband and Video Multiplexer
logo
Renesas Technology Corp
HI-524 RENESAS-HI-524 Datasheet
522Kb / 6P
   4-Channel Wideband and Video Multiplexer
logo
Intersil Corporation
HI-524 INTERSIL-HI-524 Datasheet
161Kb / 6P
   4-Channel Wideband and Video Multiplexer
July 1999
logo
Gennum Corporation
GX4201 GENNUM-GX4201 Datasheet
156Kb / 6P
   Wideband, Monolithic 1x1 Video Crosspoint Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com