Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD02V4S2 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ZD02V4S2
Description  200mW SOD-323 Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD02V4S2 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ZD02V4S2 Datasheet HTML 1Page - Cystech Electonics Corp. ZD02V4S2 Datasheet HTML 2Page - Cystech Electonics Corp. ZD02V4S2 Datasheet HTML 3Page - Cystech Electonics Corp. ZD02V4S2 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C346S2
Issued Date : 2004.04.12
Revised Date :
Page No. : 2/4
ZD02V4S2 series
CYStek Product Specification
Absolute Maximum Ratings(Ta=25℃, unless otherwise specified)
• Maximum Temperatures
Storage Temperature
Tstg ................................................................................................... -65~+150
°C
Junction Temperature Tj………………………………………………………………….. -65~ +150
°C
• Maximum Power Dissipation
Total Power Dissipation
Ptot (Note)........................................................................................... 200 mW
Derate above 25℃ ………………………………………………………………………… 1.5mW/℃
• Thermal Resistance, Junction to Ambient Air RθJA……………………………………….…….635℃/W
Note : Parts mounted on FR-5 board with minimum pad.
Electrical Characteristics (TA=25℃ unless otherwise noted, VF=0.9V Max @IF=10mA for all types.)
Symbol
Parameter
VZ
Reverse zener voltage @ IZT
IZT
Reverse current
ZZT
Maximum zener impedance @ IZT
IZK
Reverse current
ZZK
Maximum zener impedance @ IZK
IR
Reverse leakage current @ VR
VR
Reverse voltage
IF
Forward current
VF
Forward voltage @ IF
ΘVZ
Maximum temperature coefficient of VZ
C
Maximum capacitance @ VR=0V and f=1MHz


Similar Part No. - ZD02V4S2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZD022 ETC2-ZD022 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
ZD027 ETC2-ZD027 Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - ZD02V4S2

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD5225AS2 CYSTEKEC-ZD5225AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5221AS2 CYSTEKEC-ZD5221AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5223BS2 CYSTEKEC-ZD5223BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5234AS2 CYSTEKEC-ZD5234AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5227AS2 CYSTEKEC-ZD5227AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5223AS2 CYSTEKEC-ZD5223AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5228AS2 CYSTEKEC-ZD5228AS2 Datasheet
404Kb / 6P
   200mW SOD-323 Zener Voltage Regulators
ZD5226BS2 CYSTEKEC-ZD5226BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5221BS2 CYSTEKEC-ZD5221BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5228BS2 CYSTEKEC-ZD5228BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
ZD5227BS2 CYSTEKEC-ZD5227BS2 Datasheet
252Kb / 7P
   200mW SOD-323 Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com