Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZD52XXBS2 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # ZD52XXBS2
Description  Zener Diode Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD52XXBS2 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button ZD52XXBS2 Datasheet HTML 2Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 3Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 4Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 5Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 6Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 7Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 8Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 9Page - Cystech Electonics Corp. ZD52XXBS2 Datasheet HTML 10Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C326S2
Issued Date : 2003.06.30
Revised Date :
Page No. : 6/13
ZD52XXBS2 series
CYStek Product Specification
ZD5234B Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
Forward Voltage (mV)
ZD5235B Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
Forward Voltage (mV)
ZD5235B Reverse Current vs Reverse Voltage
0
20
40
60
80
100
2000
3000
4000
5000
6000
7000
Reverse Voltage (mV)
ZD5234B Reverse Current vs Reverse Voltage
0
20
40
60
80
100
2000
3000
4000
5000
6000
7000
Reverse Voltage (mV)
ZD5236B Forward Current vs Forward Voltage
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
Forward Voltage (mV)
ZD5236B Reverse Current vs Reverse Voltage
0
20
40
60
80
100
3000
4000
5000
6000
7000
8000
Reverse Voltage (mV)


Similar Part No. - ZD52XXBS2

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSF CYSTEKEC-ZD52XXBSF Datasheet
177Kb / 5P
   Zener Diode Series
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH Datasheet
164Kb / 4P
   Zener Diode Series
ZD52XXBSH-0-T1-G CYSTEKEC-ZD52XXBSH-0-T1-G Datasheet
445Kb / 7P
   500mW Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH_17 Datasheet
445Kb / 7P
   500mW Zener Diode Series
More results

Similar Description - ZD52XXBS2

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZD52XXBSG CYSTEKEC-ZD52XXBSG Datasheet
203Kb / 13P
   Zener Diode Series
ZD5221AN3 CYSTEKEC-ZD5221AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5228AN3 CYSTEKEC-ZD5228AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5227AN3 CYSTEKEC-ZD5227AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD5226AN3 CYSTEKEC-ZD5226AN3 Datasheet
340Kb / 14P
   Zener Diode Series
ZD52XXBSF CYSTEKEC-ZD52XXBSF Datasheet
177Kb / 5P
   Zener Diode Series
ZD52XXBSH CYSTEKEC-ZD52XXBSH Datasheet
164Kb / 4P
   Zener Diode Series
ZD5221BN3 CYSTEKEC-ZD5221BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5227BN3 CYSTEKEC-ZD5227BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223BN3 CYSTEKEC-ZD5223BN3 Datasheet
229Kb / 15P
   Zener Diode Series
ZD5223AN3 CYSTEKEC-ZD5223AN3 Datasheet
340Kb / 14P
   Zener Diode Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com