Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX1-10XFZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TX1-10XFZ
Description  AUTOMOTIVE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TX1-10XFZ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TX1-10XFZ Datasheet HTML 1Page - List of Unclassifed Manufacturers TX1-10XFZ Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
PH (732) 922-6333
FX (732) 922-6363 E-mail: globalcomponents@msn.com
n Features
• Single coil type (TX1) and twin coil type (TX2) for
bi -directional control of automobile motors
• High power, miniature design
• 30A, 16VDC switching current capacity
• Sealed for immersion cleaning
n Coil Rating (All Coil Voltages 12VDC only) @ 20°C
TX AUTOMOTIVE RELAY
UL E1555
TX1-8
200
0.72
6.0
0.8
TX1-9
250
0.58
6.75
0.9
TX1-10
320
0 .45
7.5
1.0
T X2-8
200
0.72
6.0
0.8
TX2-9
250
0.58
6.75
0.9
TX2-10
320
0.45
7.5
1.0
n Specifications
Contact Arrangement
DPDT (1 Form C)
Contact Material
AgSnO
Rated Load
25A Motor Load 14 VDC
Max. Switching Current
30A
Max. Carrrying Current
30A @ 20 C within 5 minutes
Max. Switching Power
60W (DC) ; 125VA (AC)
Contact Resistance
Max. 50m Ohm (@ 6VDC 1A voltage drop method)
Insulation Resistance
Min. 100M Ohm (@ 500VDC)
Dielectric Strength
1000VAC for 1 minute between open contacts
1000VAC for 1 minute between coil & contacts
Operate Time
Max. 10ms (@ rated voltage)
Release Time
Max. 10ms (@ rated voltage)
Operating Ambient Temp.
-40°C ~ +85°C
Ambient Humidity
85% RH
Vibration Resistance
10 to 400 Hz 4.4G
Shock Resistance
Min. 10G ( Shock wave 11ms)
Mechanical
10 x 10 operations (@ 300 ops/min)
Electrical
0.1 x 10 ops (ON: 5 sec / OFF: 25 sec) 14VDC 25A motor load
Weight
TX1: Approx. 8g
TX2: Approx. 15g
Life
6
6
Part Number
Coil Resistance
Rated
Pick-Up
Drop-Out
(W ± 10%)
Power (W)
Voltage (VDC)
Voltage (VDC)
0
2


Similar Part No. - TX1-10XFZ

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1-121.500-10 RADIOMETRIX-TX1-121.500-10 Datasheet
647Kb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1-151.300-10 RADIOMETRIX-TX1-151.300-10 Datasheet
647Kb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1-152.175-10 RADIOMETRIX-TX1-152.175-10 Datasheet
647Kb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1-152.500-10 RADIOMETRIX-TX1-152.500-10 Datasheet
647Kb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1-152.575-10 RADIOMETRIX-TX1-152.575-10 Datasheet
647Kb / 19P
   VHF Narrow Band FM Transmitter and Receiver
More results

Similar Description - TX1-10XFZ

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
   Automotive Relay
logo
Hongfa Technology
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
   AUTOMOTIVE RELAY
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
   AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
   AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
   AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
   AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
   AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
   Automotive Relay
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
   Automotive Relay
logo
Hongfa Technology
HFV15-L HONGFA-HFV15-L Datasheet
1Mb / 4P
   AUTOMOTIVE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com