Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM55C3V9 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ZMM55C3V9
Description  Surface Mount Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZMM55C3V9 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ZMM55C3V9 Datasheet HTML 1Page - Cystech Electonics Corp. ZMM55C3V9 Datasheet HTML 2Page - Cystech Electonics Corp. ZMM55C3V9 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C326SM
Issued Date : 2003.07.31
Revised Date :
Page No. : 2/3
ZMM55CXXSM series
CYStek Product Specification
Electrical Characteristics (TL=30℃, unless otherwise noted, VF=1.0V Max @IF=100mA for all types.)
Test
Current
Maximum Zener
Impedance(Note 2)
Maximum Reverse
Leakage Current
Device
Nominal
Zener
Voltage
Vz at IzT
(V)(Note1)
IZT(mA)
ZZT at
IZT
(Ω)
ZZK at
IZK=1mA
(Ω)
Typical
Temperature
Coefficient
(%/℃)
IR
(μA)
Test
Voltage
(V)
Maximum
Regulation
Current
IZM(mA)
(Note 3)
ZMM55C2V4
2.28-2.56
5
85
600
-0.070
50
1.0
150
ZMM55C2V7
2.5-2.9
5
85
600
-0.070
10
1.0
135
ZMM55C3V0
2.8-3.2
5
85
600
-0.070
4
1.0
125
ZMM55C3V3
3.1-3.5
5
85
600
-0.065
2
1.0
115
ZMM55C3V6
3.4-3.8
5
85
600
-0.060
2
1.0
105
ZMM55C3V9
3.7-4.1
5
85
600
-0.050
2
1.0
95
ZMM55C4V3
4.0-4.6
5
75
600
-0.025
1
1.0
90
ZMM55C4V7
4.4-5.0
5
60
600
-0.010
0.5
1.0
85
ZMM55C5V1
4.8-5.4
5
35
550
+0.015
0.1
1.0
80
ZMM55C5V6
5.2-6.0
5
25
450
+0.025
0.1
1.0
70
ZMM55C6V2
5.8-6.6
5
10
200
+0.035
0.1
2.0
64
ZMM55C6V8
6.4-7.2
5
8
150
+0.045
0.1
3.0
58
ZMM55C7V5
7.0-7.9
5
7
50
+0.050
0.1
5.0
53
ZMM55C8V2
7.7-8.7
5
7
50
+0.050
0.1
6.0
47
ZMM55C9V1
8.5-9.6
5
10
50
+0.060
0.1
7.0
43
ZMM55C10
9.4-10.6
5
15
70
+0.070
0.1
7.5
40
ZMM55C11
10.4-11.6
5
20
70
+0.070
0.1
8.5
36
ZMM55C12
11.4-12.7
5
20
90
+0.070
0.1
9.0
32
ZMM55C13
12.4-14.1
5
26
110
+0.070
0.1
10
29
ZMM55C15
13.8-15.6
5
30
110
+0.070
0.1
11
27
ZMM55C16
15.3-17.1
5
40
170
+0.070
0.1
12
24
ZMM55C18
16.8-19.1
5
50
170
+0.070
0.1
14
21
ZMM55C20
18.8-21.2
5
55
220
+0.070
0.1
15
20
ZMM55C22
20.8-23.3
5
55
220
+0.070
0.1
17
18
ZMM55C24
22.8-25.6
5
80
220
+0.080
0.1
18
16
ZMM55C27
25.1-28.9
5
80
220
+0.080
0.1
20
14
ZMM55C30
28-32
5
80
220
+0.080
0.1
22
13
ZMM55C33
31-35
5
80
220
+0.080
0.1
24
12
ZMM55C36
34-38
5
80
220
+0.080
0.1
27
11
ZMM55C39
37-41
2.5
90
500
+0.080
0.1
30
10
ZMM55C43
40-46
2.5
90
600
+0.080
0.1
33
9.2
ZMM55C47
44-50
2.5
110
700
+0.080
0.1
36
8.5
Note: 1.The type numbers listed have zener voltage min/max as shown. Device tolerance of ±2% are indicated by a “B”
instead of a “C”. Zener voltage is measured with the device junction in thermal equilibrium at the lead temperature
of 30℃±1℃.
2.ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified
limits are for IZ(ac) =0.1IZ(dc) with the ac frequency = 1k Hz.
3.This data was calculated using nominal voltages. The maximum current handling capability on a worse case basis is
limited by the actual zener voltage at the operating point and the powered derating curve.


Similar Part No. - ZMM55C3V9

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ZMM55C3V9 WEITRON-ZMM55C3V9 Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
ZMM55C3V9 SECOS-ZMM55C3V9 Datasheet
376Kb / 2P
   Surface Mount Zener Dio de
logo
Shanghai Shunye Electro...
ZMM55C3V9 SY-ZMM55C3V9 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Yangzhou yangjie electr...
ZMM55C3V9 YANGJIE-ZMM55C3V9 Datasheet
191Kb / 5P
   Zener Diodes
logo
Diotech Company.
ZMM55C3V9 DIOTECH-ZMM55C3V9 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM55C3V9

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
1SMB5913BG SKTECHNOLGY-1SMB5913BG Datasheet
364Kb / 4P
   Surface Mount Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
MM8Z2V0B LUGUANG-MM8Z2V0B Datasheet
1Mb / 4P
   Surface Mount Zener Voltage Regulators
Revision:20170701-P1
MM8Z2V0C LUGUANG-MM8Z2V0C Datasheet
923Kb / 4P
   Surface Mount Zener Voltage Regulators
Revision:20170701-P1
logo
SeCoS Halbleitertechnol...
MM8Z-C SECOS-MM8Z-C Datasheet
301Kb / 3P
   200mW Surface Mount Zener Voltage Regulators.
logo
ON Semiconductor
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com