Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSU250-T050KK Datasheet(PDF) 1 Page - Total Power International

Part # HSU250-T050KK
Description  DUAL SELECTABLE AC INPUT AC-DC 19 COMPATIBLE DOUBLE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

HSU250-T050KK Datasheet(HTML) 1 Page - Total Power International

  HSU250-T050KK Datasheet HTML 1Page - Total Power International HSU250-T050KK Datasheet HTML 2Page - Total Power International HSU250-T050KK Datasheet HTML 3Page - Total Power International HSU250-T050KK Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE
EUROCARD MULTIPLE OUTPUT 250-360 WATTS SWITCHING
MODE POWER SUPPLIES HSU250, HSU300 & HSU360 SERIES
FEATURES:
DUAL INPUT RANGE USER SELECTABLE
DOUBLE OR TRIPLE CONVERTER
ARCHITECTURE
19" COMPATIBLE EUROCARD FORMAT
MEET THE SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS A
CE MARKING COMPLIANCE
6U X 12HP X 160MM DOUBLE EUROCARD
VMEbus STANDARD
GENERAL SPECIFICATION
Efficiency: Typ. 75-80.0%.
Switching Frequency: Typ. 100K Hz.
Circuit Topology: Forward circuit.
HSU250/HSU300/HSU360 triple converter.
HSU360T dual converter architecture.
Transient Response: Typ. 3mS following a 25% load change.
Power Density: 1.58 Watts / Cubic Inch for HSU250.
1.90 Watts / Cubic Inch for HSU300.
2.28 Watts / Cubic Inch for HSU360 & HSU360T.
Operating Temperature: 0 to +50°C at full load. Derates
linearly to +70°C at half load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04%/°C.
Cooling: At least 60cfm forced air flow is required
for full load.
Construction format: 12HP(TE)x6Ux160mm
19” compatible double Eurocard VMEbus standard.
Safety Standard: IEC950/UL1950 Class I.
Note: All measurements are at nominal input, full load, and +25°C unless otherwise specified.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 250 Watts for HSU250.
Typ. 300 Watts for HSU300.
Typ. 360 Watts for HSU360/HSU360T.
Output Connector: DIN 41612 at rear.
Line Regulation: Typ. 0.4%.
Load Regulation: VO1 typ. ±1.0%(Main).
VO2 typ. ±1.0%(Main).
VO3 typ. ±1.0%(Main).
or typ. ±3.0%(PR) for HSU360T.
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in at main VO1/VO2/VO3 (Latch).
Adjustability: Available at main output VO1,VO2,VO3.
Remote Sense: Installed at main VO1.
Overload Protection (OLP): Fully protected against
output overload and short circuit.
Consult factory for OLP setting.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 115Vac/230Vac dual selectable.
Input Connector: DIN 41612 for HSU250/300/360T.
IEC320 AC receptacle for HSU360.
Input Frequency: 47-63Hz
Inrush Current: Typ. 65A @230Vac.
Input Current: HSU250 6.0A@115Vac/3.0A@230Vac.
HSU300 1.2A@115Vac/0.7A@230Vac.
HSU360 6.5A@115Vac/3.5A@230Vac.
HSU360T 6.2A@115Vac/3.0A@230Vac.
Dielectric Withstand: Meet IEC950.
EMI: Meet CISPR PUB. 22 & FCC Class A.
Power Fail/OK: Option.
Remote (Logic) Inhibit: Available.
Hold-up Time: Typ. 20mS.
Earth leakage: Typ. 0.3mA @230Vac.
Over Temperature Protection (OTP): Option.
TOTAL POWER INT'L


Similar Part No. - HSU250-T050KK

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HSU200 TOTAL-POWER-HSU200 Datasheet
225Kb / 2P
   AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
logo
HITRON ELECTRONICS CORP...
HSU200 HITRON-HSU200 Datasheet
273Kb / 2P
   AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
HSU200-32 HITRON-HSU200-32 Datasheet
273Kb / 2P
   AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
HSU200-33 HITRON-HSU200-33 Datasheet
273Kb / 2P
   AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES
logo
Total Power Internation...
HSU200-40 TOTAL-POWER-HSU200-40 Datasheet
225Kb / 2P
   AUTO-RANGING AC INPUT AC-DC MULTIPLE OUTPUT 200 WATTS 19 COMPATIBLE DOUBLE EUROCARD SWITCHING POWER SUPPLIES HSU200 SERIES
More results

Similar Description - HSU250-T050KK

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSU-60 TOTAL-POWER-TPSU-60 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU-100 TOTAL-POWER-TPSU-100 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU45-60-100 TOTAL-POWER-TPSU45-60-100 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU-45 TOTAL-POWER-TPSU-45 Datasheet
437Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
logo
HITRON ELECTRONICS CORP...
HSU360 HITRON-HSU360 Datasheet
318Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 360 WATTS SWITCHING MODE POWER SUPPLIES
HSU300 HITRON-HSU300 Datasheet
230Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES
HSU393 HITRON-HSU393 Datasheet
584Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES
logo
Total Power Internation...
TPSU-160 TOTAL-POWER-TPSU-160 Datasheet
287Kb / 2P
   AUTO-RANGING AC INPUT AC-DC 19" COMPATIBLE EUROCARD
HSU393 TOTAL-POWER-HSU393 Datasheet
483Kb / 2P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES HSU393 SERIES
logo
HITRON ELECTRONICS CORP...
HSU45 HITRON-HSU45 Datasheet
341Kb / 4P
   DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com