Electronic Components Datasheet Search |
|
HDU200-B-T050II Datasheet(PDF) 1 Page - Total Power International |
|
HDU200-B-T050II Datasheet(HTML) 1 Page - Total Power International |
1 / 2 page DC-DC CONVERTER 19” COMPATIBLE EUROCARD TRIPLE OUTPUT 200 WATTS SWITCHING MODE POWER SUPPLIES HDU200 SERIES FEATURES: 12/24/48VDC 2:1 INPUT RANGE 19" COMPATIBLE EUROCARD FORMAT EMI MEET CISPR PUB. 22 & FCC CLASS A MEET THE SAFETY STANDARDS CE MARKING COMPLIANCE 6U X 12HP X 160MM VMEbus STANDARD SPECIFICATION INPUT SPECIFICATION Input Voltage: Three 2:1 ranges option. A Range: 9-18Vdc nominal 12Vdc. B Range: 18-36Vdc nominal 24Vdc. C Range: 36-72Vdc nominal 48Vdc. Input Connector: 2pcs X DIN 41612 at rear. Input Current: @FL @NL HDU200-A: 23.0A 0.40A HDU200-B: 11.3A 0.21A HDU200-C: 5.0A 0.10A Dielectric Withstand: Meet IEC950. EMI: Meet CISPR PUB. 22 & FCC Class A. Power-on Indicator: LED at front panel. Power OK Signal: Installed. Remote (Logic) Inhibit: Installed. Reflected Ripple Current: Typ. 28mV pk-pk. OUTPUT SPECIFICATION Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 200 Watts for HDU200. Output Connector: 2pcs X DIN 41612 at rear. Output Indicator: LEDs installed at front panel for all outputs. Line Regulation: Typ. 0.2%. Load Regulation: Main VO1 typ. ±1.0%. Aux. VO2 typ. ±2.0%. (M.A.) Aux. VO3 typ. ±2-3.0%. (P.R.) Noise & Ripple: Typ. 120mV peak to peak. OVP: Built-in at main VO1 and VO2 (auto-recovery). Adjustability: Available at main output VO1 and Aux. output VO2 (Mag. Amp.). Remote Sense: Available at VO1 only. Overload Protection (OLP): Fully protected against output overload & short circuit. Typ. 120-140%. Consult the factory for OLP setting. GENERAL SPECIFICATION Efficiency: Typ. 71.0-73.0% Switching Frequency: Typ. 48K Hz. Circuit Topology: Push-pull circuit. Transient Response: Typ. 0.5mS following a 25% load change. Power Density: 1.2 Watts / Cubic Inch. Operating Temperature: 0 to +50°C at full load. Storage Temperature: -20 to +85°C. Temperature Coefficient: Typ. 0.04% /°C. Cooling: Free air convection. Construction: 12HP(TE)x6Ux160mm 19" compatible Eurocard VMEbus standard. TOTAL POWER INT'L |
Similar Part No. - HDU200-B-T050II |
|
Similar Description - HDU200-B-T050II |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |