Electronic Components Datasheet Search |
|
HDU45-C-D033I Datasheet(PDF) 3 Page - Total Power International |
|
HDU45-C-D033I Datasheet(HTML) 3 Page - Total Power International |
3 / 4 page OUTPUT VOLTAGE/CURRENT RATINGS CHART HDU60 Series MECHANICAL DIMENSIONS: MM [INCHES] WEIGHT: HDU60 707.0g (24.94 Oz.) SINGLE OUTPUT INPUT RANGE OUTPUT VO1 @#◇ MODEL NO. Vdc Typ. Volt. HDU60-A or B or C-S033 A: 9-18,B: 18-36,C: 36-72 16.0A 3.3V HDU60-A or B or C-10 A: 9-18,B: 18-36,C: 36-72 12.0A 5.0V HDU60-A or B or C-11 A: 9-18,B: 18-36,C: 36-72 5.0A 12.0V HDU60-A or B or C-12 A: 9-18,B: 18-36,C: 36-72 4.0A 15.0V HDU60-A or B or C-13 A: 9-18,B: 18-36,C: 36-72 2.5A 24.0V DUAL OUTPUT INPUT RANGE OUTPUT VO1 @◇ OUTPUT VO2▲◇@ MODEL NO. Vdc Typ. Volt. Typ. Volt. HDU60-A or B or C-D033E A: 9-18,B: 18-36,C: 36-72 6.0A 3.3V 5.0A 5.0V HDU60-A or B or C-D033I A: 9-18,B: 18-36,C: 36-72 6.0A 3.3V 3.0A 12.0V HDU60-A or B or C-20 A: 9-18,B: 18-36,C: 36-72 5.0A 5.0V 3.0A 12.0V HDU60-A or B or C-21 A: 9-18,B: 18-36,C: 36-72 2.5A 12.0V 2.5A 12.0V HDU60-A or B or C-23 A: 9-18,B: 18-36,C: 36-72 2.0A 15.0V 2.0A 15.0V HDU60-A or B or C-24 A: 9-18,B: 18-36,C: 36-72 5.0A 5.0V 1.5A 24.0V HDU60-A or B or C-25 A: 9-18,B: 18-36,C: 36-72 1.3A 24.0V 1.3A 24.0V TRIPLE OUTPUT INPUT RANGE OUTPUT VO1 @◇ OUTPUT VO2 ▲◇@ OUTPUT VO3 ●◇■ MDEL NO. Vdc Typ. Volt. Typ. Volt. Typ. Volt. HDU60-A or B or C-T033EI A: 9-18,B: 18-36,C: 36-72 6.0A 3.3V 5.0A 5.0V 0.50A 12.0V HDU60-A or B or C-T033IM A: 9-18,B: 18-36,C: 36-72 6.0A 3.3V 2.5A 12.0V 0.25A 24.0V HDU60-A or B or C-30 A: 9-18,B: 18-36,C: 36-72 5.0A 5.0V 2.5A 12.0V 1.00A 5.0V HDU60-A or B or C-31 A: 9-18,B: 18-36,C: 36-72 4.5A 5.0V 2.0A 15.0V 0.50A 15.0V HDU60-A or B or C-32 A: 9-18,B: 18-36,C: 36-72 5.0A 5.0V 2.5A 12.0V 0.50A 12.0V HDU60-A or B or C-33 A: 9-18,B: 18-36,C: 36-72 5.0A 5.0V 1.3A 24.0V 0.50A 12.0V Symbol: " " OVP built-in. "@" Adjustable. "●" Installed with Post Regulator. "■" Couple filter inductor. "▲" Magnetic Amplifier. "#" Remote sensing. "◇" Floating ( or isolated) output. INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS DC INPUT SINGLE/DUAL/TRIPLE OUTPUT ASSORTED SIGNAL ASSIGNMENT +Vin -Vin G +VO1 -VO1 +VO2 -VO2 +VO3 -VO3 NC LOG. INH. +S -S POWER FAIL HDU60-1X 28 30 32 4,6 12,14 - - - - 16,18,24,26 20 8 10 22 HDU60-2X 28 30 32 4 6 8 10 - - 12,14,16,18,24,26 20 - - 22 HDU60-3X 28 30 32 4,6, 8,10 12 14 16 18 24,26 20 - - 22 Mating connector: DIN41612-H15 Female HDU60 TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395 Email: sales@total-power.com http://www.total-power.com -3- |
Similar Part No. - HDU45-C-D033I |
|
Similar Description - HDU45-C-D033I |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |