Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDW1042 Datasheet(PDF) 1 Page - Total Power International

Part # MDW1042
Description  2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MDW1042 Datasheet(HTML) 1 Page - Total Power International

  MDW1042 Datasheet HTML 1Page - Total Power International MDW1042 Datasheet HTML 2Page - Total Power International MDW1042 Datasheet HTML 3Page - Total Power International MDW1042 Datasheet HTML 4Page - Total Power International MDW1042 Datasheet HTML 5Page - Total Power International MDW1042 Datasheet HTML 6Page - Total Power International MDW1042 Datasheet HTML 7Page - Total Power International MDW1042 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Dual Output
+Vo
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
Com.
-Vo
Single Output
PFM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
+Vo
Block Diagram
Wide Range
2:1
Low Profile
I/O Isolation
1500
VDC
EN55022
EMI
Low Cost
$
Low Noise
MDW1000-Series power modules are low-profile
dc-dc converters that operate over input voltage ranges of
4.5-9VDC, 9-18VDC, 18-36VDC and 36-72VDC and provide
precisely regulated output voltages of 3.3V, 5V, 12V, 15V, {5V,
{12V and {15V.
The -40 ]+65 ] operating temperature range makes it ideal
for data communication equipments, mobile battery driven
equipments, distributed power systems, telecommunication
equipments, mixed analog/digital subsystems, process/machine
control equipments, computer peripheral systems and industrial robot
systems.
The modules have a maximum power rating of 2 and a typical
full-load efficiency of 80 ] , continuous short circuit, 60mV output
ripple, built-in filtering for both input and output minimizes the need
for external filtering.
EMI Complies With EN55022 Class A
Low Ripple and Noise
MTBF > 1,000,000 Hours
Short Circuit Protection
SMT Technology
Industry Standard Pinout
I/O Isolation 1500VDC
2:1 Input Range
High Efficiency up to 80%
Key Features
Single and Dual Outputs
2 Watts 2 :1 Wide Input Range DC/DC Converters
MDW1000 Series
TOTAL POWER INT'L


Similar Part No. - MDW1042

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDW1042 MINMAX-MDW1042 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MDW1042 MINMAX-MDW1042 Datasheet
294Kb / 4P
   DC/DC CONVERTER 2W, Small DIP-16 Plastic Package
More results

Similar Description - MDW1042

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MKW1000 TOTAL-POWER-MKW1000 Datasheet
263Kb / 8P
   10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
   2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
MPW1000 TOTAL-POWER-MPW1000 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1300 TOTAL-POWER-MIW1300 Datasheet
488Kb / 7P
   3 Watts 3 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW4000 TOTAL-POWER-MIW4000 Datasheet
348Kb / 8P
   5-6 Watts 4 : 1 Wide Input Range DC/DC Converters Single and Dual Outputs
MKW5000 TOTAL-POWER-MKW5000 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com