Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW1043 Datasheet(PDF) 2 Page - Total Power International

Part # MIW1043
Description  MIW1000 SERIES 2-3 WATT INPUT RANGE DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW1043 Datasheet(HTML) 2 Page - Total Power International

  MIW1043 Datasheet HTML 1Page - Total Power International MIW1043 Datasheet HTML 2Page - Total Power International MIW1043 Datasheet HTML 3Page - Total Power International MIW1043 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
mW
2500
---
Internal Power Dissipation
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
VDC
11
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit.
Max.
Min.
Parameter
Absolute Maximum Ratings
Exceeding these values can damage the module.These are not continuous operating ratings.
Specifications typical at Ta=+25],resistive load,nominal input voltage,rated output current unless otherwise noted.
84
75
{10
{100
{15
MIW1047
84
75
{12.5
{125
{12
MIW1046
80
65
{25
{250
{5
MIW1045
84
75
20
200
15
MIW1044
84
75
25
250
12
MIW1043
79
66
50
500
5
MIW1042
76
10
3
55
60
600
3.3
48
( 36 ~ 72 )
MIW1041
82
152
{10
{100
{15
MIW1037
82
152
{12.5
{125
{12
MIW1036
79
132
{25
{250
{5
MIW1035
84
149
20
200
15
MIW1034
84
149
25
250
12
MIW1033
79
132
50
500
5
MIW1032
76
15
5
109
60
600
3.3
24
( 18 ~ 36 )
MIW1031
80
313
{10
{100
{15
MIW1027
80
313
{12.5
{125
{12
MIW1026
77
271
{25
{250
{5
MIW1025
82
305
20
200
15
MIW1024
82
305
25
250
12
MIW1023
78
267
50
500
5
MIW1022
74
30
20
223
60
600
3.3
12
( 9 ~ 18 )
MIW1021
75
800
{10
{100
{15
MIW1017
75
800
{12.5
{125
{12
MIW1016
72
694
{25
{250
{5
MIW1015
77
779
20
200
15
MIW1014
77
779
25
250
12
MIW1013
73
685
50
500
5
MIW1012
70
100
40
566
60
600
3.3
5
( 4.5 ~ 9 )
MIW1011
Efficiency
% (Typ.)
Reflected
Ripple
Current
mA (Typ.)
Input
Current
No Load
mA (Typ.)
Input
Current
Max. Load
mA (Typ.)
Output
Current
mA (Min.)
Output
Current
mA (Max.)
Output
Voltage
VDC
Input
voltage
VDC
Model
Number
Model Selection Guide
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-
TOTAL POWER INT'L
MIW1000


Similar Part No. - MIW1043

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1043 MINMAX-MIW1043 Datasheet
238Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1043 MINMAX-MIW1043 Datasheet
290Kb / 4P
   DC/DC CONVERTER 2-3W, DIP-24 Plastic Package
More results

Similar Description - MIW1043

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM700 ARTESYN-PM700 Datasheet
36Kb / 2P
   Single and dual output 3 Watt Nominal input DC/DC converters
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
   3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
   3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A-E CINCON-EC3A-E Datasheet
257Kb / 2P
   3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Artesyn Technologies
SHP5 ARTESYN-SHP5 Datasheet
42Kb / 3P
   Single and dual output 3 to 5 Watt Wide input DC/DC converters
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
logo
Artesyn Technologies
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
   Single and dual output 20 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com