Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDW1033 Datasheet(PDF) 7 Page - Total Power International

Part # MDW1033
Description  2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MDW1033 Datasheet(HTML) 7 Page - Total Power International

  MDW1033 Datasheet HTML 1Page - Total Power International MDW1033 Datasheet HTML 2Page - Total Power International MDW1033 Datasheet HTML 3Page - Total Power International MDW1033 Datasheet HTML 4Page - Total Power International MDW1033 Datasheet HTML 5Page - Total Power International MDW1033 Datasheet HTML 6Page - Total Power International MDW1033 Datasheet HTML 7Page - Total Power International MDW1033 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Thermal Considerations
Many conditions affect the thermal performance of the
power module, such as orientation, airflow over the module,
and board spacing. To avoid exceeding the maximum
temperature rating of the components inside the power
module, the case temperature must be kept below 90°C.
The derating curves were determined from measurements
obtained in an experimental apparatus.
MDW1000 Series
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in


Similar Part No. - MDW1033

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDW1033 MINMAX-MDW1033 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MDW1033 MINMAX-MDW1033 Datasheet
294Kb / 4P
   DC/DC CONVERTER 2W, Small DIP-16 Plastic Package
More results

Similar Description - MDW1033

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MKW1000 TOTAL-POWER-MKW1000 Datasheet
263Kb / 8P
   10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
   2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
MPW1000 TOTAL-POWER-MPW1000 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1300 TOTAL-POWER-MIW1300 Datasheet
488Kb / 7P
   3 Watts 3 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW4000 TOTAL-POWER-MIW4000 Datasheet
348Kb / 8P
   5-6 Watts 4 : 1 Wide Input Range DC/DC Converters Single and Dual Outputs
MKW5000 TOTAL-POWER-MKW5000 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com