Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDW1031 Datasheet(PDF) 2 Page - Total Power International

Part # MDW1031
Description  2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MDW1031 Datasheet(HTML) 2 Page - Total Power International

  MDW1031 Datasheet HTML 1Page - Total Power International MDW1031 Datasheet HTML 2Page - Total Power International MDW1031 Datasheet HTML 3Page - Total Power International MDW1031 Datasheet HTML 4Page - Total Power International MDW1031 Datasheet HTML 5Page - Total Power International MDW1031 Datasheet HTML 6Page - Total Power International MDW1031 Datasheet HTML 7Page - Total Power International MDW1031 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
77
57
{17
{67
{15
MDW1047
77
57
{21
{83
{12
MDW1046
71
62
{50
{200
{5
MDW1045
79
55
33
134
15
MDW1044
79
53
42
167
12
MDW1043
73
57
100
400
5
MDW1042
71
10
8
49
125
500
3.3
48
( 36 ~ 72 )
MDW1041
80
110
{17
{67
{15
MDW1037
78
112
{21
{83
{12
MDW1036
74
119
{50
{200
{5
MDW1035
81
108
33
134
15
MDW1034
80
109
42
167
12
MDW1033
77
109
100
400
5
MDW1032
72
15
10
96
125
500
3.3
24
( 18 ~ 36 )
MDW1031
78
226
{17
{67
{15
MDW1027
78
224
{21
{83
{12
MDW1026
73
242
{50
{200
{5
MDW1025
80
220
33
134
15
MDW1024
80
209
42
167
12
MDW1023
77
217
100
400
5
MDW1022
73
25
20
184
125
500
3.3
12
( 9 ~ 18 )
MDW1021
71
598
{17
{67
{15
MDW1017
69
615
{21
{83
{12
MDW1016
64
667
{50
{200
{5
MDW1015
73
582
33
134
15
MDW1014
75
534
42
167
12
MDW1013
73
548
100
400
5
MDW1012
70
100
40
471
125
500
3.3
5
( 4.5 ~ 9 )
MDW1011
% (Typ.)
mA (Typ.)
mA (Typ.)
mA (Typ.)
mA
mA
VDC
VDC
@Max. Load
@No Load
@Max. Load
Min.
Max.
Efficiency
Reflected
Ripple
Current
Input Current
Output Current
Output
Voltage
Input
Voltage
Model
Number
Model Selection Guide
Free-Air Convection
Cooling
%
95
---
Humidity
]
+125
-40
Storage Temperature
]
+90
-40
Case
Operating Temperature
]
+65
-40
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Environmental Specifications
Exceeding these values can damage the module. These are not continuous
operating ratings.
mW
1,800
---
Internal Power Dissipation
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
VDC
100
-0.7
48VDC Input Models
VDC
50
-0.7
24VDC Input Models
VDC
25
-0.7
12VDC Input Models
VDC
11
-0.7
5VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Parameter
Note :
1. Specifications typical at Ta=+25], resistive load,
nominal input voltage, rated output current unless
otherwise noted.
2. Transient recovery time is measured to within 1%
error band for a step change in output load of 50%
to 100%.
3. Ripple & Noise measurement bandwidth is 0-20
MHz.
4. These power converters require a minimum
output loading to maintain specified regulation.
5. Operation under no-load conditions will not
damage these devices; however they may not
meet all listed specifications.
6. All DC/DC converters should be externally fused
on the front end for protection.
7. Other input and output voltage may be available,
please contact factory.
8. Specifications subject to change without notice.
Absolute Maximum Ratings
MDW1000 Series


Similar Part No. - MDW1031

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDW1031 MINMAX-MDW1031 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MDW1031 MINMAX-MDW1031 Datasheet
294Kb / 4P
   DC/DC CONVERTER 2W, Small DIP-16 Plastic Package
More results

Similar Description - MDW1031

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MKW1000 TOTAL-POWER-MKW1000 Datasheet
263Kb / 8P
   10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
   2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
MPW1000 TOTAL-POWER-MPW1000 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1300 TOTAL-POWER-MIW1300 Datasheet
488Kb / 7P
   3 Watts 3 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW4000 TOTAL-POWER-MIW4000 Datasheet
348Kb / 8P
   5-6 Watts 4 : 1 Wide Input Range DC/DC Converters Single and Dual Outputs
MKW5000 TOTAL-POWER-MKW5000 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com