Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW1234 Datasheet(PDF) 8 Page - Total Power International

Part # MIW1234
Description  2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIW1234 Datasheet(HTML) 8 Page - Total Power International

  MIW1234 Datasheet HTML 1Page - Total Power International MIW1234 Datasheet HTML 2Page - Total Power International MIW1234 Datasheet HTML 3Page - Total Power International MIW1234 Datasheet HTML 4Page - Total Power International MIW1234 Datasheet HTML 5Page - Total Power International MIW1234 Datasheet HTML 6Page - Total Power International MIW1234 Datasheet HTML 7Page - Total Power International MIW1234 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance and electrical
properties in high humidity environment and over a wide operating temperature range.
The encapsulant and outer shell of the unit have UL94V-0 ratings. The leads are golden plated for better soldering.
NC: No Connection
+Vin
+Vin
23
UL94V-0
:
Flammability
+Vin
+Vin
22
Common
-Vout
16
12.2g
:
Weight
+Vout
+Vout
14
-Vout
NC
11
Non-Conductive Black Plastic
:
Case Material
Common
No Pin
9
-Vin
-Vin
3
1.25*0.8*0.4 inches
-Vin
-Vin
2
31.8*20.3*10.2 mm
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
.XXX{0.01
.XX{0.25
.XX{0.01
.X{0.25
Inches
Millimeters
Tolerance
Dual Output
Single Output
31.8 [1.25]
Bottom
Side
23
11
14
22
23
16
9
0.50 [0.020]
2.54 [0.100]
4.5 [0.18]
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Data
MIW1200 Series


Similar Part No. - MIW1234

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1234 MINMAX-MIW1234 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results

Similar Description - MIW1234

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MKW5000 TOTAL-POWER-MKW5000 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
MIW2000 TOTAL-POWER-MIW2000 Datasheet
274Kb / 8P
   3-4 Watts 4 :1 Wide Input Range DC/DC Converters
logo
List of Unclassifed Man...
EC3A05H ETC2-EC3A05H Datasheet
183Kb / 3P
   3 WATT 2 1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3AB CINCON-EC3AB Datasheet
200Kb / 2P
   3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC3A-E CINCON-EC3A-E Datasheet
257Kb / 2P
   3 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com