Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKW5042 Datasheet(PDF) 7 Page - Total Power International

Part # MKW5042
Description  25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW5042 Datasheet(HTML) 7 Page - Total Power International

  MKW5042 Datasheet HTML 1Page - Total Power International MKW5042 Datasheet HTML 2Page - Total Power International MKW5042 Datasheet HTML 3Page - Total Power International MKW5042 Datasheet HTML 4Page - Total Power International MKW5042 Datasheet HTML 5Page - Total Power International MKW5042 Datasheet HTML 6Page - Total Power International MKW5042 Datasheet HTML 7Page - Total Power International MKW5042 Datasheet HTML 8Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Input Source Impedance
The power module should be connected to a low
ac-impedance input source. Highly inductive source
impedances can affect the stability of the power module.
In applications where power is supplied over long lines
and output loading is high, it may be necessary to use a
capacitor at the input to ensure startup.
Capacitor mounted close to the power module helps
ensure stability of the unit, it is recommended to use a good
quality low Equivalent Series Resistance (ESR < 1.0[ at 100
KHz) capacitor of a 33uF for the 12V input devices and a
10uF for the 24V and 48V devices.
Output Ripple Reduction
A good quality low ESR capacitor placed as close as
practicable across the load will give the best ripple and
noise performance.
To reduce output ripple, it is recommended to use 4.7uF
capacitors at the output.
Maximum Capacitive Load
The MKW5000 series has limitation of maximum
connected capacitance at the output.
The power module may be operated in current limiting
mode during start-up, affecting the ramp-up and the startup
time.
For optimum performance we recommend 220uF/A
maximum of output current for dual outputs.
The maximum capacitance can be found in the data.
Thermal Considerations
Many conditions affect the thermal performance of the
power module, such as orientation, airflow over the module
and board spacing. To avoid exceeding the maximum
temperature rating of the components inside the power
module, the case temperature must be kept below 105°C.
The derating curves are determined from measurements
obtained in an experimental apparatus.
MKW5000 Series
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Dual Output
DC / DC
Converter
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Single Output
DC / DC
Converter
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in


Similar Part No. - MKW5042

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MKW5042 MINMAX-MKW5042 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
MKW5042 MINMAX-MKW5042 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
MKW5042 MINMAX-MKW5042 Datasheet
447Kb / 6P
   DC/DC CONVERTER 30W
logo
Total Power Internation...
MKW5042 TOTAL-POWER-MKW5042 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
More results

Similar Description - MKW5042

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPW1000 TOTAL-POWER-MPW1000 Datasheet
115Kb / 3P
   MPW1000 25 - 30 Watts 2:1 Wide Input Range DC/DC Converters Single Outputs
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
   15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
   3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
   2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Tumbler Technologies + ...
TD5-25S1205 TRUMPOWER-TD5-25S1205 Datasheet
22Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 25 Watts
logo
Total Power Internation...
MCW1000 TOTAL-POWER-MCW1000 Datasheet
173Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single Outputs
MKW2600 TOTAL-POWER-MKW2600 Datasheet
182Kb / 8P
   15 Watts 4:1 Wide Input Range DC/DC Converters
logo
Tumbler Technologies + ...
TD6-16S123.3 TRUMPOWER-TD6-16S123.3 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 25-30 Watt
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com