Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIR501 Datasheet(PDF) 6 Page - Total Power International

Part # MIR501
Description  2 Watts High In/Out Isolation DIP DC/DC Converters Single and Dual Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MIR501 Datasheet(HTML) 6 Page - Total Power International

  MIR501 Datasheet HTML 1Page - Total Power International MIR501 Datasheet HTML 2Page - Total Power International MIR501 Datasheet HTML 3Page - Total Power International MIR501 Datasheet HTML 4Page - Total Power International MIR501 Datasheet HTML 5Page - Total Power International MIR501 Datasheet HTML 6Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance and electrical
properties in high humidity environment and over a wide operating temperature range.
The encapsulant and outer shell of the unit have UL94V-0 ratings. The leads are tin plated for better soldering.
-Vin
-Vin
24
-Vin
-Vin
23
UL94V-0
:
Flammability
+Vout
No Pin
15
-Vout
+Vout
13
12.4g
:
Weight
No Pin
-Vout
12
Common
No Pin
11
Non-Conductive Black Plastic
:
Case Material
Common
No Pin
10
+Vin
+Vin
2
1.25*0.8*0.4 inches
+Vin
+Vin
1
31.8*20.3*10.2 mm
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
.XXX{0.01
.XX{0.25
.XX{0.01
.X{0.25
Inches
Millimeters
Tolerance
Dual Output
Single Output
31.8 [1.25]
2.0 [0.08]
Bottom
Side
1 2
10 11 12
15
13
24 23
0.50 [0.020]
2.54 [0.100]
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Data
MIR500 Series


Similar Part No. - MIR501

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIR501 MINMAX-MIR501 Datasheet
236Kb / 6P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
More results

Similar Description - MIR501

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
S2D00R MINMAX-S2D00R Datasheet
224Kb / 6P
   2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
S2D00R TOTAL-POWER-S2D00R Datasheet
153Kb / 4P
   S2D00R SERIES 2 - 3 WATT HIGH / IN ISOLATION DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
logo
Wall Industries,Inc.
LANE WALL-LANE_18 Datasheet
571Kb / 5P
   1 Watts DC/DC Power Converters Single and Dual Outputs
ZF12S1.5-6000 WALL-ZF12S1.5-6000 Datasheet
445Kb / 7P
   30 Watts DC/DC Power Converters Single and Dual Outputs
logo
Total Power Internation...
MDW1000 TOTAL-POWER-MDW1000 Datasheet
243Kb / 8P
   2 Watts 2 :1 Wide Input Range DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
S2E00 MINMAX-S2E00 Datasheet
237Kb / 6P
   1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIR500 MINMAX-MIR500 Datasheet
236Kb / 6P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MDHU100 MINMAX-MDHU100 Datasheet
172Kb / 7P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
Wall Industries,Inc.
MSHU100 WALL-MSHU100 Datasheet
381Kb / 7P
   2 Watts Medical DC/DC Converter Single and Dual Outputs
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000 Datasheet
263Kb / 8P
   10 Watts 2:1 Wide Input Range DC/DC Converters Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com