Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPS-30-27 Datasheet(PDF) 1 Page - Total Power International

Part # MPS-30-27
Description  30W Single Output for Medical Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MPS-30-27 Datasheet(HTML) 1 Page - Total Power International

  MPS-30-27 Datasheet HTML 1Page - Total Power International MPS-30-27 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MPS-30-5
MPS-30-12
MPS-30-15
MPS-30-24
MPS-30-27
MPS-30-48
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISE,HOLDTIME
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY(Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
OVERTEMPERATURE
ACCURRENT
5V
12V
15V
24V
27V
48V
5A
2.5A
2A
1.2A
1.1A
0.6A
0~5A
0~2.5A
0~2A
0~1.2A
0~1.1A
0~0.6A
25W
30W
30W
28.8W
29.7W
28.8W
80mVp-p
120mVp-p
150mVp-p
240mVp-p
240mVp-p
240mVp-p
3.0%
3.0%
3.0%
3.0%
3.0%
2.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
88~264VACautoswitch120~370VDC
47~63Hz
72%
75%
76%
77%
78%
78%
0.8A/115VAC0.5A/230VAC
COLDSTART 35A/230VAC
<0.3mA /264VAC
Above105% ratedoutputpower
5.5~6.75V
Tj135
typically(U1)DetectonmaincontrolIC
13.2~16.2V
16.5~20.25V
26.4~32.4V
29.7~36.45V
52.8~64.8V
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
-20~+85
,10~95%RH
0.03%/
(0~50
10~500Hz,2G10min./1cycle,Periodfor60min.eachalongX, Y,Zaxes
547Khrsmin.MIL-HDBK-217F(25
)
101.6*65.8*23.5mm(L*W*H)
0.16Kg;90pcs/15.8Kg/1.02CUFT
500ms,30ms,50ms/230VAC500ms,30ms,10ms/115VACatfullload
-10~+50
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
UL2601-1, TUVEN60601-1,IEC601-1 Approved
CompliancetoEN55011(CISPR11)ClassB
CompliancetoEN61000-3-2,-3
Complianceto EN61000-4-2,3,4,5,6,8,11;ENV50204,EN55024,EN60601-1-2Medicallevel,criteria A
30WSingleOutputforMedical Type
M P S - 3 0 series
Universal AC input / Full range
Low leakage current
0.3mA
Protections:Short circuit/Over load/Over voltage/Over temperature
Fixed switching frequency at 100KHz
Low cost
High reliability
3 years warranty
Features :
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
EMICONDUCTION&RADIATION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:4KVACI/P-FG:1.5KVACO/P-FG:SHORT
I/P-O/P,I/P-FG:100MOhms/500VDC
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
TOTAL POWER INT'L


Similar Part No. - MPS-30-27

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS-30-27 ASTRODYNE-MPS-30-27 Datasheet
374Kb / 2P
   30W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30-27 MEANWELL-MPS-30-27 Datasheet
504Kb / 2P
   30W Single Output for Medical Type
logo
MicroPower Direct, LLC
MPS-30-27 MPD-MPS-30-27 Datasheet
890Kb / 2P
   Low Cost, Open Frame 30W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Mean Well Enterprises C...
MPS-30-27 MEANWELL-MPS-30-27 Datasheet
506Kb / 2P
   30W Single Output for Medical Type
MPS-30-27 MEANWELL-MPS-30-27 Datasheet
521Kb / 2P
   30W Single Output for Medical Type
More results

Similar Description - MPS-30-27

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPS-30 ASTRODYNE-MPS-30 Datasheet
374Kb / 2P
   30W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30 MEANWELL-MPS-30_10 Datasheet
506Kb / 2P
   30W Single Output for Medical Type
logo
Astrodyne Corporation
MPS30 ASTRODYNE-MPS30 Datasheet
342Kb / 4P
   30W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-30 MEANWELL-MPS-30_11 Datasheet
521Kb / 2P
   30W Single Output for Medical Type
MPS-30 MEANWELL-MPS-30 Datasheet
504Kb / 2P
   30W Single Output for Medical Type
RPS-30 MEANWELL-RPS-30_15 Datasheet
105Kb / 4P
   30W Single Output Medical Type
IRM-30 MEANWELL-IRM-30 Datasheet
90Kb / 4P
   30W Single Output Encapsulated Type
logo
DIWELL Electronics Co.,...
IRM-30 DIWELL-IRM-30 Datasheet
64Kb / 2P
   30W Single Output Encapsulated Type
2014-12-26
logo
Astrodyne Corporation
MPS-65 ASTRODYNE-MPS-65 Datasheet
1Mb / 6P
   65W Single Output for Medical Type
MPS-45 ASTRODYNE-MPS-45 Datasheet
1Mb / 6P
   45W Single Output for Medical Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com